Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 278 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 278 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 274Page - ATMEL Corporation AT90SCR100 Datasheet HTML 275Page - ATMEL Corporation AT90SCR100 Datasheet HTML 276Page - ATMEL Corporation AT90SCR100 Datasheet HTML 277Page - ATMEL Corporation AT90SCR100 Datasheet HTML 278Page - ATMEL Corporation AT90SCR100 Datasheet HTML 279Page - ATMEL Corporation AT90SCR100 Datasheet HTML 280Page - ATMEL Corporation AT90SCR100 Datasheet HTML 281Page - ATMEL Corporation AT90SCR100 Datasheet HTML 282Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 433 page
background image
278
TPR0327AY–SMS–30Jan09
AT90SCR100
must be configured before enabling the HSSPI Controller. Any attempt at modifying the HSSPI
Clock frequency once the HSSPI Controller is enabled will not affect it. The HSSPICFG.MSTR
bit selects either Master or Slave operations. The HSSPI Master initiates the communication
cycle after pulling low the HSSS line of the desired Slave.
The Master and Slave prepare the data to be sent using their respective shift registers or using
the internal DPRAM (according to the HSSPICFG.DPRAM bit), and the Master generates the
required clock pulses on the HSSCK line to exchange data. Data is always shifted from Master
to Slave on the Master Out - Slave In, HSMOSI line, and from Slave to Master on the Master In -
Slave Out, HSMISO line, simultaneously.
Figure 21-2.
HSSPI Master - Slave Interconnection
The DPRAM stores two 16 Bytes buffers for transmission and two 16 Bytes buffers for reception.
21.2.1
HSSPI Controller Configured as a Master
When configured as a Master, the HSSPI interface has no automatic control of the HSSS line.
This must be handled by software before starting the communication.
21.2.1.1
One byte sending using shift register (without DPRAM)
When the DPRAM is not activated (HSSPICFG.DPRAM bit cleared) and a byte is written to the
HSSPI Transmit Data Register (HSSPITDR register), the hardware shifts the 8 bits (MSB first)
into the Slave and receives a byte from the Slave simultaneously. After shifting one byte, the
Byte Transfer Done flag (HSSPIIR.BTD) is set. If global interrupt and the HSSPIIER.BTDIE bit
have been previously set, an interrupt is generated.
At this stage, the Master can read the HSSPIRDR register to retrieve the byte sent by the other
device. The HSSPIIR.BTD flag must then be cleared by software.
The figure below illustrates the way the HSSPI works when configured as a Master without
DPRAM mode.
Master HSSPI
Clock Generator
8 Bit Shift Register
Msb
Lsb
Master
Slave
8 Bit Shift Register
Msb
Lsb
HSSCK
HSMOSI
HSMISO
Chip as Master
Chip as Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com