Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 280 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 276Page - ATMEL Corporation AT90SCR100 Datasheet HTML 277Page - ATMEL Corporation AT90SCR100 Datasheet HTML 278Page - ATMEL Corporation AT90SCR100 Datasheet HTML 279Page - ATMEL Corporation AT90SCR100 Datasheet HTML 280Page - ATMEL Corporation AT90SCR100 Datasheet HTML 281Page - ATMEL Corporation AT90SCR100 Datasheet HTML 282Page - ATMEL Corporation AT90SCR100 Datasheet HTML 283Page - ATMEL Corporation AT90SCR100 Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 433 page
background image
280
TPR0327AY–SMS–30Jan09
AT90SCR100
At this point, the Master can copy the received data from reception DPRAM into RAM, using
HSSPIDMA. The HSSPIIR.BTD flag must then be cleared by software.
If the HSSPIIR.BTD is set and the next buffer becomes full, the HSSPIIR.RCVOF is set. If the
HSSPI interrupt enable bit and the HSSPIIER.RCVOFIE bit have been previously set, an inter-
rupt is generated.
The figure below illustrates the way the HSSPI works when configured as a Master with
DPRAM/HSSPIDMA.
Figure 21-4.
SPI - Master with DPRAM/HSSPIDMA activated
Configure SPICK frequency
(HSSPICFG)
Data to receive?
Configure SPI Guard Time
(HSSPIGTR)
Configure CPOL, CPHA, MSTR=1,
SPIEN, DPRAM=1, BTDIE (if IRQ
mode)
Wait SPICKRDY (HSSPISR)
Read SPICNT
Start copy of received data into
RAM using HSSPIDMA.
Read received data directly in RAM
Wait BTD (HSSPIIR)
Clear BTD (HSSPIIR)
YES
NO
nb_data to send or
receive>16?
TXBUFE?
(HSSPISR)
Init RAM data and HSSPIDMA
Copy data into DPRAM
Write 16 in HSSPICNT
Prepare RAM and HSSPIDMA
Copy 16 or nb_data left data
into DPRAM.
Write 16 or nb_data left in HSSPICNT
YES
YES
NO
NO
Init RAM data and HSSPIDMA
Copy data into DPRAM
Write 16 in HSSPICNT
Prepare RAM and HSSPIDMA
Copy nb_data left data into DPRAM.
Write nb_data left in HSSPICNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com