Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 427 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 427 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 423Page - ATMEL Corporation AT90SCR100 Datasheet HTML 424Page - ATMEL Corporation AT90SCR100 Datasheet HTML 425Page - ATMEL Corporation AT90SCR100 Datasheet HTML 426Page - ATMEL Corporation AT90SCR100 Datasheet HTML 427Page - ATMEL Corporation AT90SCR100 Datasheet HTML 428Page - ATMEL Corporation AT90SCR100 Datasheet HTML 429Page - ATMEL Corporation AT90SCR100 Datasheet HTML 430Page - ATMEL Corporation AT90SCR100 Datasheet HTML 431Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 433 page
background image
4
27
TPR0327AY–SMS–30Jan09
AT90SCR100
Table of Contents
General Features....................................................................................... 1
1
Block Diagram .......................................................................................... 3
2
Pin List Configuration ............................................................................. 5
3
Resources ................................................................................................. 9
4
About Code Examples ........................................................................... 11
5
AVR CPU Core ........................................................................................ 13
5.1
Introduction ......................................................................................................13
5.2
Architectural Overview .....................................................................................13
5.3
ALU – Arithmetic Logic Unit .............................................................................14
5.4
Status Register ................................................................................................15
5.5
General Purpose Register File ........................................................................16
5.6
Stack Pointer ...................................................................................................17
5.7
Instruction Execution Timing ...........................................................................17
5.8
Reset and Interrupt Handling ...........................................................................18
6
AT90SCR100 Memories ......................................................................... 21
6.1
In-System Reprogrammable Flash Program Memory .....................................21
6.2
SRAM Data Memory ........................................................................................22
6.3
EEPROM Data Memory ..................................................................................23
6.4
I/O Memory ......................................................................................................29
7
Clock System ......................................................................................... 31
7.1
Overview ..........................................................................................................31
7.2
Clock Sources .................................................................................................33
7.3
Clock Output Buffer .........................................................................................40
7.4
Clock System Registers ..................................................................................40
8
Power Management and Sleep Modes ................................................. 43
8.1
Power Modes Descriptions ..............................................................................43
8.2
Power Reduction Register ...............................................................................45
8.3
Important note about: Entering and Leaving low consumption modes ............47
8.4
Minimizing Power Consumption ......................................................................48
9
System Control and Reset .................................................................... 51
9.1
Resetting the AVR ...........................................................................................51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com