Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 431 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 431 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 425Page - ATMEL Corporation AT90SCR100 Datasheet HTML 426Page - ATMEL Corporation AT90SCR100 Datasheet HTML 427Page - ATMEL Corporation AT90SCR100 Datasheet HTML 428Page - ATMEL Corporation AT90SCR100 Datasheet HTML 429Page - ATMEL Corporation AT90SCR100 Datasheet HTML 430Page - ATMEL Corporation AT90SCR100 Datasheet HTML 431Page - ATMEL Corporation AT90SCR100 Datasheet HTML 432Page - ATMEL Corporation AT90SCR100 Datasheet HTML 433Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 431 / 433 page
background image
431
TPR0327AY–SMS–30Jan09
AT90SCR100
24.2
RNG Definition ...............................................................................................335
24.3
Random Number Generator Registers ..........................................................336
25
AES 128/256 Engine ............................................................................. 339
25.1
Features ........................................................................................................339
25.2
Overview ........................................................................................................339
25.3
AES Registers description .............................................................................341
25.4
Example. Code Sample .................................................................................343
26
JTAG Interface and On-chip Debug System ..................................... 347
26.1
Features ........................................................................................................347
26.2
Overview ........................................................................................................347
26.3
TAP – Test Access Port ................................................................................347
26.4
TAP Controller ...............................................................................................349
26.5
Using the Boundary-scan Chain ....................................................................350
26.6
Using the On-chip Debug System .................................................................350
26.7
On-chip Debug Specific JTAG Instructions ...................................................351
26.8
On-chip Debug Related Register in I/O Memory ...........................................352
26.9
Using the JTAG Programming Capabilities ...................................................352
26.10 Bibliography ...................................................................................................352
27
IEEE 1149.1 (JTAG) Boundary-scan ................................................... 353
27.1
Features ........................................................................................................353
27.2
System Overview ...........................................................................................353
27.3
Data Registers ...............................................................................................353
27.4
Boundary-scan Specific JTAG Instructions ...................................................355
27.5
Boundary-scan Related Register in I/O Memory ...........................................356
27.6
Boundary-scan Chain ....................................................................................357
27.7
AT90SCR100 Boundary-scan Order .............................................................360
27.8
Boundary-scan Description Language Files ..................................................362
28
Boot Loader Support - Read-While-Write Self-Programming .......... 363
28.1
Boot Loader Features ....................................................................................363
28.2
Application and Boot Loader Flash Sections .................................................363
28.3
Read-While-Write and No Read-While-Write Flash Sections ........................364
28.4
Boot Loader Lock Bits ...................................................................................366
28.5
Entering the Boot Loader Program ................................................................367
28.6
Addressing the Flash During Self-Programming ...........................................369
28.7
Self-Programming the Flash ..........................................................................370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com