Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 429 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 429 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 425Page - ATMEL Corporation AT90SCR100 Datasheet HTML 426Page - ATMEL Corporation AT90SCR100 Datasheet HTML 427Page - ATMEL Corporation AT90SCR100 Datasheet HTML 428Page - ATMEL Corporation AT90SCR100 Datasheet HTML 429Page - ATMEL Corporation AT90SCR100 Datasheet HTML 430Page - ATMEL Corporation AT90SCR100 Datasheet HTML 431Page - ATMEL Corporation AT90SCR100 Datasheet HTML 432Page - ATMEL Corporation AT90SCR100 Datasheet HTML 433Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 429 / 433 page
background image
429
TPR0327AY–SMS–30Jan09
AT90SCR100
15.4
Definitions ......................................................................................................178
15.5
Functional Description ...................................................................................180
15.6
Additional Features ........................................................................................187
15.7
Smart Card Interface Block Registers ...........................................................190
16
DC/DC Converter .................................................................................. 201
16.1
Overview ........................................................................................................201
16.2
Features ........................................................................................................201
16.3
Description .....................................................................................................201
16.4
Summary: State Machine ..............................................................................202
16.5
DC/DC Registers ...........................................................................................203
17
USB Host Controller ............................................................................ 205
17.1
Features ........................................................................................................205
17.2
USB Host Smart Card Interface Description .................................................205
17.3
USB-IC Design ..............................................................................................206
17.4
Memory Management ....................................................................................207
17.5
USB Host Controller Description ...................................................................208
17.6
Interrupt system .............................................................................................216
17.7
USB Host Controller Registers ......................................................................217
18
USART ................................................................................................... 231
18.1
Features ........................................................................................................231
18.2
USART0 ........................................................................................................231
18.3
Overview ........................................................................................................231
18.4
Clock Generation ...........................................................................................232
18.5
Frame Formats ..............................................................................................235
18.6
USART Initialization .......................................................................................236
18.7
Data Transmission – The USART Transmitter ..............................................238
18.8
Data Reception – The USART Receiver .......................................................240
18.9
Asynchronous Data Reception ......................................................................244
18.10 Multi-processor Communication Mode ..........................................................247
18.11 USART Register Description .........................................................................249
18.12 Examples of Baud Rate Setting .....................................................................254
19
USART in SPI Mode ............................................................................. 257
19.1
Features ........................................................................................................257
19.2
Overview ........................................................................................................257
19.3
Clock Generation ...........................................................................................257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com