Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 428 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 428 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 424Page - ATMEL Corporation AT90SCR100 Datasheet HTML 425Page - ATMEL Corporation AT90SCR100 Datasheet HTML 426Page - ATMEL Corporation AT90SCR100 Datasheet HTML 427Page - ATMEL Corporation AT90SCR100 Datasheet HTML 428Page - ATMEL Corporation AT90SCR100 Datasheet HTML 429Page - ATMEL Corporation AT90SCR100 Datasheet HTML 430Page - ATMEL Corporation AT90SCR100 Datasheet HTML 431Page - ATMEL Corporation AT90SCR100 Datasheet HTML 432Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 433 page
background image
428
TPR0327AY–SMS–30Jan09
AT90SCR100
9.2
Reset Sources .................................................................................................51
9.3
Internal Voltage Reference ..............................................................................55
9.4
Supply monitor .................................................................................................56
9.5
Watchdog Timer ..............................................................................................57
9.6
Register Description ........................................................................................60
10
Interrupts ................................................................................................ 63
10.1
Interrupt Vectors in AT90SCR100 ...................................................................63
11
External Interrupts ................................................................................. 69
11.1
External Interrupt Registers .............................................................................69
12
I/O Ports .................................................................................................. 75
12.1
Standard IO Ports ............................................................................................75
12.2
Specific Low Speed Keyboard Output .............................................................76
12.3
LED ..................................................................................................................76
12.4
Ports as General Digital I/O .............................................................................77
12.5
Register Description for I/O-Ports ....................................................................83
13
Timers ..................................................................................................... 87
13.1
8-bit Timer/Counter0 with PWM ......................................................................87
13.2
16-bit Timer/Counter1 with PWM ..................................................................105
13.3
8-bit Timer/Counter2 with PWM and Asynchronous Operation (RTC) ..........134
13.4
Timer/Counter Prescaler ...............................................................................154
14
USB Device Interface ........................................................................... 157
14.1
Features ........................................................................................................157
14.2
Overview ........................................................................................................157
14.3
Endpoints Description ....................................................................................159
14.4
Attachment Procedure ...................................................................................160
14.5
USB Interrupts ...............................................................................................160
14.6
Suspend and Resume Modes .......................................................................161
14.7
Double Buffering ............................................................................................163
14.8
USB Device Registers Description ................................................................164
14.9
USBDMA Controller .......................................................................................172
15
Smart Card Interface Block (SCIB) ..................................................... 177
15.1
Features ........................................................................................................177
15.2
Overview ........................................................................................................177
15.3
Block Diagram ...............................................................................................177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com