Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 60Page - ATMEL Corporation AT89LP6440 Datasheet HTML 61Page - ATMEL Corporation AT89LP6440 Datasheet HTML 62Page - ATMEL Corporation AT89LP6440 Datasheet HTML 63Page - ATMEL Corporation AT89LP6440 Datasheet HTML 64Page - ATMEL Corporation AT89LP6440 Datasheet HTML 65Page - ATMEL Corporation AT89LP6440 Datasheet HTML 66Page - ATMEL Corporation AT89LP6440 Datasheet HTML 67Page - ATMEL Corporation AT89LP6440 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 194 page
background image
64
3706A–MICRO–9/09
AT89LP6440 - Preliminary
registers, TH2 and TL2, respectively. A logic 0 at T2EX makes Timer 2 count down. The timer
underflows when TH2 and TL2 equal BOTTOM, the 16-bit value stored in RCAP2H and
RCAP2L. The underflow sets the TF2 bit and causes MAX to be reloaded into the timer regis-
ters. The EXF2 bit toggles whenever Timer 2 overflows or underflows and can be used as a 17th
bit of resolution. In this operating mode, EXF2 does not flag an interrupt.
When T2EX = 1 and T2CM
1-0 = 01B, the timer will overflow at TOP and set the TF2 bit. This
overflow also causes MIN to be reloaded into the timer registers. A logic 0 at T2EX makes Timer
2 count down. The timer underflows when TH2 and TL2 equal MIN. The underflow sets the TF2
bit and causes TOP to be reloaded into the timer registers. The behavior of Count Mode 0 ver-
sus Count Mode 0 when DCEN is enabled is shown in Figure 12-6.
Figure 12-4. Timer 2 Diagram: Auto-Reload Mode (T2CM
1-0 = 00B, DCEN = 1)
The timer overflow/underflow rate for up-down counting mode is the same as for up counting
mode, provided that the count direction does not change. Changes to the count direction may
result in longer or shorter periods between time-outs.
Figure 12-5. Timer 2 Diagram: Auto-Reload Mode (T2CM
1-0 = 01B, DCEN = 1)
÷TPS
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com