Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 194 page
background image
25
3706A–MICRO–9/09
AT89LP6440 - Preliminary
•In some cases, both data pointers must be used simultaneously. To prevent frequent toggling
of DPS, the AT89LP6440 supports a prefix notation for selecting the opposite data pointer
per instruction. All DPTR instructions, with the exception of JMP @A+DPTR, when prefixed
with an 0A5H opcode will use the inverse value of DPS (DPS) to select the data pointer.
Some assemblers may support this operation by using the /DPTR operand. For example, the
following code performs a block copy within EDATA:
MOV
DPCF, #00H
; DPS = 0
MOV
DPTR, #SRC
; load source address to dptr0
MOV
/DPTR, #DST
; load destination address to dptr1
MOV
R7, #BLKSIZE
; number of bytes to copy
COPY:
MOVX A, @DPTR
; read source (dptr0)
INC
DPTR
; next src (dptr0+1)
MOVX @/DPTR, A
; write destination (dptr1)
INC
/DPTR
; next dst (dptr1+1)
DJNZ R7, COPY
For assemblers that do not support this notation, the 0A5H prefix must be declared in-line:
EX:
DB
0A5H
INC
DPTR
; equivalent to INC /DPTR
Table 5-1.
DSPR
– Digital Signal Processing Configuration Register
DSPR = E2H
Reset Value = 0000 0000B
Not Bit Addressable
MRW1
MRW0
SMLB
SMLA
CBE1
CBE0
MVCD
DPRB
Bit
7
6
543
21
0
Symbol
Function
MRW1-0
M Register Window. Selects which pair of bytes from the 5-byte M register is accessible through MACH (E5H) and
MACL (E4H) as shown in Figure 5-5. For example, MRW = 10B for normal 16-bit fixed-point operations where the lowest
order portion of the fractional result is discarded.
SMLB
Signed Multiply Operand B. When SMLB = 0, the MUL AB instruction treats the contents of B as an unsigned value.
When SMLB = 1, the MUL AB instruction interprets the contents of B as a signed two’s complement value. SMLB does
not affect the MAC operation.
SMLA
Signed Multiply Operand A. When SMLA = 0, the MUL AB instruction treats the contents of ACC as an unsigned value.
When SMLA = 1, the MUL AB instruction interprets the contents of ACC as a signed two’s complement value. SMLA
does not affect the MAC operation.
CBE1
DPTR1 Circular Buffer Enable. Set CBE1 = 1 to configure DPTR1 for circular addressing over the two circular buffer
address ranges. Clear CBE1 for normal DPTR operation.
CBE0
DPTR0 Circular Buffer Enable. Set CBE0 = 1 to configure DPTR0 for circular addressing over the two circular buffer
address ranges. Clear CBE0 for normal DPTR operation.
MVCD
MOVC Index Disable. When MVCD = 0, the MOVC A, @A+DPTR instruction functions normally with indexed
addressing. Setting MVCD = 1 disables the indexed addressing mode such that MOVC A, @A+DPTR functions as
MOVC A, @DPTR.
DPRB
DPTR1 Redirect to B. DPRB selects the source/destination register for MOVC/MOVX instructions that reference DPTR1.
When DPRB = 0, ACC is the source/destination. When DPRB = 1, B is the source/destination. DPRB does not change
the index register for MOVC instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com