Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 194 page
background image
29
3706A–MICRO–9/09
AT89LP6440 - Preliminary
5.3
Instruction Set Extensions
Table 5-8 lists the additions to the 8051 instruction set that are supported by the AT89LP6440.
For more information on the instruction set see Section 22. “Instruction Set Summary” on page
143. For detailed descriptions of the extended instructions see Section 22.1 “Instruction Set
Extensions” on page 147.
• The /DPTR instructions provide support for the dual data pointer features described above
(See Section 5.2).
•The ASR M, LSL M, CLR M and MAC AB instructions are part of the Multiply-Accumulate
Unit (See Section 5.1).
•The JMP @A+PC instruction supports localized jump tables without using a data pointer.
•The CJNE A, @R
i, rel instructions allow compares of array values with non-constant values.
• The BREAK instruction is used by the On-Chip Debug system. See Section 24. on page 155.
Table 5-8.
AT89LP6440 Extended Instructions
Opcode
Mnemonic
Description
Bytes
Cycles
A5 00
BREAK
Software breakpoint
2
2
A5 03
ASR M
Arithmetic shift right of M register
2
2
A5 23
LSL M
Logical shift left of M register
2
2
A5 73
JMP @A+PC
Indirect jump relative to PC
2
3
A5 90
MOV /DPTR, #data16
Move 16-bit constant to alternate data
pointer
44
A5 93
MOVC A, @A+/DPTR
Move code location to ACC relative to
alternate data pointer
24
A5 A3
INC /DPTR
Increment alternate data pointer
2
3
A5 A4
MAC AB
Multiply and accumulate
2
9
A5 B6
CJNE A, @R0, rel
Compare ACC to indirect RAM and
jump if not equal
34
A5 B7
CJNE A, @R1, rel
Compare ACC to indirect RAM and
jump if not equal
34
A5 E0
MOVX A, @/DPTR
Move external to ACC; 16-bit address
in alternate data pointer
23/5
A5 E4
CLR M
Clear M register
2
2
A5 F0
MOVX @/DPTR, A
Move ACC to external; 16-bit address
in alternate data pointer
23/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com