Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation AT89LP6440 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 194 page
background image
33
3706A–MICRO–9/09
AT89LP6440 - Preliminary
generated reset can be extended beyond the power-on period by holding the RST pin low longer
than the time-out.
Figure 7-1.
Power-on Reset Sequence (BOD Disabled)
If the Brown-out Detector (BOD) is also enabled, the start-up timer does not begin counting until
after V
DD reaches the BOD threshold voltage VBOD as shown in Figure 7-2. However, if this event
occurs prior to the end of the initialization sequence, the timer must first wait for that sequence to
complete before counting.
Figure 7-2.
Power-on Reset Sequence (BOD Enabled)
Note:
t
POR is approximately 143 µs ± 5%.
The start-up timer delay is user-configurable with the Start-up Time User Fuses and depends on
the clock source (Table 7-1). The Start-Up Time fuses also control the length of the start-up time
after a Brown-out Reset or when waking up from Power-down during internally timed mode. The
start-up delay should be selected to provide enough settling time for V
DD and the selected clock
source. The device operating environment (supply voltage, frequency, temperature, etc.) must
VDD
RST
Time-out
t
POR + tSUT
t
RHD
V
POR
Internal
Reset
RST
Internal
Reset
V
IH
(RST Tied to V
CC)
(RST Controlled Externally)
V
POR
VDD
RST
Time-out
t
POR
t
RHD
V
POR
Internal
Reset
RST
Internal
Reset
V
IH
t
SUT
V
BOD
(RST Tied to V
CC)
(RST Controlled Externally)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com