Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 72Page - ATMEL Corporation AT89LP6440 Datasheet HTML 73Page - ATMEL Corporation AT89LP6440 Datasheet HTML 74Page - ATMEL Corporation AT89LP6440 Datasheet HTML 75Page - ATMEL Corporation AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation AT89LP6440 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 194 page
background image
76
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 13-6. Dual-Slope Waveform Example
13.3.2
Timer 2 Operation for Compare Mode
Compare channels will work with any Timer 2 operating mode. The full 16-bit compare range
may not be available in all modes. In order for a compare output action to take place, the com-
pare values must be within the counting range of Timer 2. CTCx must be cleared to 0 for all
channels if Timer 2 is operating in Baud Rate mode or errors may occur in the serial
communication.
13.4
Pulse Width Modulation Mode
In Pulse Width Modulation (PWM) Mode, a compare channel can output a square wave with pro-
grammable frequency and duty cycle. Setting CCMx = 1 and CxM
2-0 = 10xB enables PWM
Mode. PWM Mode is similar to Output Compare Mode except that the compare value is double-
buffered. A diagram of a CCA channel in PWM Mode is shown in Figure 13-7. The PWM polarity
is selectable between inverting and non-inverting modes. PWM is intended for use with Timer 2
in Auto-Reload Mode (CP/RL2 =0, DCEN = 0) using count modes 1, 2 or 3. The PWM can oper-
ate in asymmetric (edge-aligned) or symmetric (center-aligned) mode depending on the T2CM
selection. The CCA PWM has variable precision from 2 to 16 bits. A trade-off between frequency
and precision is made by changing the TOP value of the timer. The CCA PWM always uses the
greatest precision allowable for the selected output frequency, as compared to Timer 0 and 1
whose PWMs are fixed at 8-bit precision regardless of frequency.
Figure 13-7. CCA PWM Mode Diagram
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 10B, DCEN = 0
CCA
{CCAH,CCAL}
{CCBH,CCBL}
CCB
TL2
TH2
CCxL
CCxH
CCCx
Interrupt
CCx (P2.x)
T2CCC
T2CCL
shadow
CCFx
CIENx
CxM2-0
=
T2CCH
shadow
shadow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com