Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 194 page
background image
27
3706A–MICRO–9/09
AT89LP6440 - Preliminary
5.2.2
Data Pointer Operating Modes
The Dual Data Pointers on the AT89LP6440 include three additional operating modes that affect
data pointer based instructions. These modes are controlled by bits in DSPR.
5.2.2.1
DPTR Redirect
The Data Pointer Redirect to B bit, DPRB (DSPR.0), allows MOVX and MOVC instructions to
use the B register as the data source/destination when the instruction references DPTR1 as
shown in Table 5-6 and Table 5-7. DPRB can improve the efficiency of routines that must fetch
multiple operands from different RAM locations.
Table 5-5.
DPCF
– Data Pointer Configuration Register
DPCF = A2H
Reset Value = 0000 00X0B
Not Bit Addressable
DPU1
DPU0
DPD1
DPD0
SIGEN
0
–
DPS
Bit
7
6
543
21
0
Symbol
Function
DPU1
Data Pointer 1 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use DPTR1 will also update
DPTR1 based on DPD1. If DPD1 = 0 the operation is post-increment and if DPD1 = 1 the operation is post-decrement.
When DPU1 = 0, DPTR1 is not updated.
DPU0
Data Pointer 0 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use DPTR0 will also update
DPTR0 based on DPD0. If DPD0 = 0 the operation is post-increment and if DPD0 = 1 the operation is post-decrement.
When DPU0 = 0, DPTR0 is not updated.
DPD1
Data Pointer 1 Decrement. When set, INC DPTR instructions targeted to DPTR1 will decrement DPTR1. When cleared,
INC DPTR instructions will increment DPTR1. DPD1 also determines the direction of auto-update for DPTR1 when
DPU1 = 1.
DPD0
Data Pointer 0 Decrement. When set, INC DPTR instructions targeted to DPTR0 will decrement DPTR0. When cleared,
INC DPTR instructions will increment DPTR0. DPD0 also determines the direction of auto-update for DPTR0 when
DPU0 = 1.
SIGEN
Signature Enable. When SIGEN = 1 all MOVC @DPTR instructions and all IAP accesses will target the signature array
memory. When SIGEN = 0, all MOVC and IAP accesses target CODE memory.
DPS
Data Pointer Select. DPS selects the active data pointer for instructions that reference DPTR. When DPS = 0, DPTR will
target DPTR0 and /DPTR will target DPTR1. When DPS = 1, DPTR will target DPTR1 and /DPTR will target DPTR0.
Table 5-6.
MOVX @DPTR Operating Modes
DPRB
DPS
Equivalent Operation for MOVX
MOVX A, @DPTR
MOVX @DPTR, A
DPTR
/DPTR
DPTR
/DPTR
00
MOVX
A, @DPTR0
MOVX
A, @DPTR1
MOVX
@DPTR0, A
MOVX
@DPTR1, A
01
MOVX
A, @DPTR1
MOVX
A, @DPTR0
MOVX
@DPTR1, A
MOVX
@DPTR0, A
10
MOVX
A, @DPTR0
MOVX
B, @DPTR1
MOVX
@DPTR0, A
MOVX
@DPTR1, B
11
MOVX
B, @DPTR1
MOVX
A, @DPTR0
MOVX
@DPTR1, B
MOVX
@DPTR0, A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com