Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 43Page - ATMEL Corporation AT89LP6440 Datasheet HTML 44Page - ATMEL Corporation AT89LP6440 Datasheet HTML 45Page - ATMEL Corporation AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation AT89LP6440 Datasheet HTML 47Page - ATMEL Corporation AT89LP6440 Datasheet HTML 48Page - ATMEL Corporation AT89LP6440 Datasheet HTML 49Page - ATMEL Corporation AT89LP6440 Datasheet HTML 50Page - ATMEL Corporation AT89LP6440 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 194 page
background image
47
3706A–MICRO–9/09
AT89LP6440 - Preliminary
10.2
Port Analog Functions
The AT89LP6440 incorporates two analog comparators and an 8-channel analog-to-digital con-
verter. In order to give the best analog performance and minimize power consumption, pins that
are being used for analog functions must have both their digital outputs and digital inputs dis-
abled. Digital outputs are disabled by putting the port pins into the input-only mode as described
in “Port Configuration” on page 44. The analog input pins will always default to input-only mode
after reset regardless of the state of the Tristate-Port Fuse.
Digital inputs on P2.4, P2.5, P2.6 and P2.7 are disabled whenever an analog comparator is
enabled by setting the CENA or CENB bits in ACSRA and ACSRB and that pin is configured for
input-only mode. To use an analog input pin as a high-impedance digital input while a compara-
tor is enabled, that pin should be configured in open-drain mode and the corresponding port
register bit should be set to 1.
Digital inputs on Port 0 are disabled for each pin configured for input-only mode whenever the
ADC is enabled by setting the ADCE bit and clearing the DAC bit in DADC. To use any Port 0
input pin as a high-impedance digital input while the ADC is enabled, that pin should be config-
ured in open-drain mode and the corresponding port register bit should be set to 1. When DAC
mode is enabled, P2.2 and P2.3 are forced to input-only mode.
10.3
Port Read-Modify-Write
A read from a port will read either the state of the pins or the state of the port register depending
on which instruction is used. Simple read instructions will always access the port pins directly.
Read-modify-write instructions, which read a value, possibly modify it, and then write it back, will
always access the port register. This includes bit write instructions such as CLR or SETB as they
actually read the entire port, modify a single bit, then write the data back to the entire port. See
Table 10-4 for a complete list of Read-Modify-Write instruction which may access the ports.
Table 10-4.
Port Read-Modify-Write Instructions
Mnemonic
Instruction
Example
ANL
Logical AND
ANL P1, A
ORL
Logical OR
ORL P1, A
XRL
Logical EX-OR
XRL P1, A
JBC
Jump if bit set and clear bit
JBC P3.0, LABEL
CPL
Complement bit
CPL P3.1
INC
Increment
INC P1
DEC
Decrement
DEC P3
DJNZ
Decrement and jump if not zero
DJNZ P3, LABEL
MOV PX.Y, C
Move carry to bit Y of Port X
MOV P1.0, C
CLR PX.Y
Clear bit Y of Port X
CLR P1.1
SETB PX.Y
Set bit Y of Port X
SETB P3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com