Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 73Page - ATMEL Corporation AT89LP6440 Datasheet HTML 74Page - ATMEL Corporation AT89LP6440 Datasheet HTML 75Page - ATMEL Corporation AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation AT89LP6440 Datasheet HTML 80Page - ATMEL Corporation AT89LP6440 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 194 page
background image
77
3706A–MICRO–9/09
AT89LP6440 - Preliminary
13.4.1
Asymmetrical PWM
For Asymmetrical PWM, Timer 2 should be configured for Auto-Reload mode and Count Mode 1
(CP/RL2 =0, DCEN = 0, T2CM1-0 = 01B). Asymmetrical PWM uses single slope operation as
shown in Figure 13-8. The timer counts up from BOTTOM to TOP and then restarts from BOT-
TOM. In non-inverting mode, the output CCx is set on the compare match between Timer 2
(TL2, TH2) and the channel data register (CCxL, CCxH), and cleared at BOTTOM. In inverting
mode, the output CCx is cleared on the compare match between Timer 2 and the data register,
and set at BOTTOM. The resulting asymmetrical output waveform is left-edge aligned.
The TOP value in RCAP2L and RCAP2H is double buffered such that the output frequency is
only updated at the TOP to BOTTOM overflow. The channel data register (CCxL, CCxH) is also
double-buffered such that the duty cycle is only updated at the TOP to BOTTOM overflow to pre-
vent glitches. The output frequency and duty cycle for asymmetrical PWM are given by the
following equations:
The extreme compare values represent special cases when generating a PWM waveform. If the
compare value is set equal to (or greater than) TOP, the output will remain low or high for non-
inverting and inverting modes, respectively. If the compare value is set to BOTTOM (0000H), the
output will remain high or low for non-inverting and inverting modes, respectively.
Figure 13-8. Asymmetrical (Edge-Aligned) PWM
13.4.2
Symmetrical PWM
For Symmetrical PWM, Timer 2 should be configured for Auto-Reload mode and Count Mode 2
or 3 (CP/RL2 = 0, DCEN = 0, T2CM1-0 =1xB). Symmetrical PWM uses dual-slope operation as
shown in Figure 13-9. The timer counts up from MIN to TOP and then counts down from TOP to
MIN. The timer is equal to TOP for exactly one clock cycle. In non-inverting mode, the output
CCx is cleared on the up-count compare match between Timer 2 (TL2, TH2) and the channel
data register (CCxL, CCxH), and set at the down-count compare match. In inverting mode, the
output CCx is set on the up-count compare match between Timer 2 and the data register, and
cleared at the down-count compare match. The resulting symmetrical PWM output waveform is
f
OUT
Oscillator Frequency
RCAP2H RCAP2L
{,
}
1
+
----------------------------------------------------------------
1
TPS
1
+
---------------------
×
=
Inverting:
Duty Cycle
100%
CCxH CCxL
{,
}
RCAP2H RCAP2L
{,
}
1
+
----------------------------------------------------------------
×
=
Non-Inverting:
Duty Cycle
100%
RCAP2H RCAP2L
{,
}
CCxH CCxL
{,
}
–
1
+
RCAP2H RCAP2L
{,
}
1
+
-------------------------------------------------------------------------------------------------------------
×
=
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 01B, DCEN = 0
Inverted
{CCxH,CCxL}
Non-inverted
CCx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com