Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation AT89LP6440 Datasheet HTML 37Page - ATMEL Corporation AT89LP6440 Datasheet HTML 38Page - ATMEL Corporation AT89LP6440 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 194 page
background image
35
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Note:
During a power-up sequence, the fuse selection is always overridden and therefore the pin will
always function as a reset input. An external circuit connected to this pin should not hold this
pin LOW during a power-on sequence if the pin will be configured as a general I/O, as this
will keep the device in reset until the pin transitions high. After the power-up delay, this input
will function either as an external reset input or as a digital input as defined by the fuse bit. Only a
power-up reset will temporarily override the selection defined by the reset fuse bit. Other sources
of reset will not override the reset fuse bit. P4.2/RST also serves as the In-System Programming
(ISP) enable. ISP is enabled when the external reset pin is held low. When the reset pin is dis-
abled by the fuse, ISP may only be entered by pulling P4.2 low during power-up.
7.4
Watchdog Reset
When the Watchdog times out, it will generate an internal reset pulse lasting 16 clock cycles.
Watchdog reset will also set the WDTOVF flag in WDTCON. To prevent a Watchdog reset, the
watchdog reset sequence 1EH/E1H must be written to WDTRST before the Watchdog times
out. See “Programmable Watchdog Timer” on page 141. for details on the operation of the
Watchdog.
7.5
Software Reset
The CPU may generate an internal 16-clock cycle reset pulse by writing the software reset
sequence 5AH/A5H to the WDRST register. A software reset will set the SWRST bit in WDT-
CON. See “Software Reset” on page 142 for more information on software reset. Writing any
sequences other than 5AH/A5H or 1EH/E1H to WDTRST will generate an immediate reset and
set both WDTOVF and SWRST to flag an error.
8.
Power Saving Modes
The AT89LP6440 supports two different power-reducing modes: Idle and Power-down. These
modes are accessed through the PCON register. Additional steps may be required to achieve
the lowest possible power consumption while using these modes.
8.1
Idle Mode
Setting the IDL bit in PCON enters idle mode. Idle mode halts the internal CPU clock. The CPU
state is preserved in its entirety, including the RAM, stack pointer, program counter, program
status word, and accumulator. The Port pins hold the logic states they had at the time that Idle
was activated. Idle mode leaves the peripherals running in order to allow them to wake up the
CPU when an interrupt is generated. The timers, UART, SPI, TWI, comparators, ADC, GPI and
CCA peripherals continue to function during Idle. If these functions are not needed during idle,
they should be explicitly disabled by clearing the appropriate control bits in their respective
SFRs. The watchdog may be selectively enabled or disabled during Idle by setting/clearing the
WDIDLE bit. The Brown-out Detector, if enabled, is always active during Idle. Any enabled inter-
rupt source or reset may terminate Idle mode. When exiting Idle mode with an interrupt, the
interrupt will immediately be serviced, and following RETI the next instruction to be executed will
be the one following the instruction that put the device into Idle.
The power consumption during Idle mode can be further reduced by prescaling down the system
clock using the System Clock Divider (Section 6.5 on page 31). Be aware that the clock divider
will affect all peripheral functions except the ADC. Therefore baud rates or PWM periods may
need to be adjusted to maintain their rate with the new clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com