Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89LP6440 Datasheet HTML 1Page - ATMEL Corporation AT89LP6440 Datasheet HTML 2Page - ATMEL Corporation AT89LP6440 Datasheet HTML 3Page - ATMEL Corporation AT89LP6440 Datasheet HTML 4Page - ATMEL Corporation AT89LP6440 Datasheet HTML 5Page - ATMEL Corporation AT89LP6440 Datasheet HTML 6Page - ATMEL Corporation AT89LP6440 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 194 page
background image
2
3706A–MICRO–9/09
AT89LP6440 - Preliminary
1.
Pin Configurations
1.1
40P6: 40-lead PDIP
1.2
44A: 44-lead TQFP (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2/P1.0
T2EX/P1.1
SDA/P1.2
SCL/P1.3
SS/P1.4
MOSI/P1.5
MISO/P1.6
SCK/P1.7
RST/P4.2
RXD/P3.0
TXD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2/P4.1
XTAL1/P4.0
GND
VDD
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
P4.3
P4.4/ALE
P4.5
P2.7/AIN3/A15
P2.6/AIN2/A14
P2.5/AIN1/A13
P2.4/AIN0/A12
P2.3/A11/CCD
P2.2/A10/CCC
P2.1/A9/CCB
P2.0/A8/CCA
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
MOSI/P1.5
MISO/P1.6
SCK/P1.7
RST/P4.2
RXD/P3.0
VDD
TXD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
P4.3
GND
P4.4/ALE
P4.5
P2.7/AIN3/A15
P2.6/AIN2/A14
P2.5/AIN1/A13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com