Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation AT89LP6440 Datasheet HTML 37Page - ATMEL Corporation AT89LP6440 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 194 page
background image
34
3706A–MICRO–9/09
AT89LP6440 - Preliminary
meet the minimum system requirements before the device exits reset and starts normal opera-
tion. The RST pin may be held low externally until these conditions are met.
7.2
Brown-out Reset
The AT89LP6440 has an on-chip Brown-out Detection (BOD) circuit for monitoring the V
DD level
during operation by comparing it to a fixed trigger level. The trigger level V
BOD for the BOD is
nominally 2.0V. The purpose of the BOD is to ensure that if V
DD fails or dips while executing at
speed, the system will gracefully enter reset without the possibility of errors induced by incorrect
execution. A BOD sequence is shown in Figure 7-3. When V
DD decreases to a value below the
trigger level V
BOD, the internal reset is immediately activated. When VDD increases above the
trigger level plus about 200 mV of hysteresis, the start-up timer releases the internal reset after
the specified time-out period has expired (Table 7-1). The Brown-out Detector must be enabled
by setting the BOD Enable Fuse. (See “User Configuration Fuses” on page 164.)
Figure 7-3.
Brown-out Detector Reset
The AT89LP6440 allows for a wide V
DD operating range. The on-chip BOD may not be sufficient
to prevent incorrect execution if V
BOD is lower than the minimum required VDD range, such as
when a 3.6V supply is coupled with high frequency operation. In such cases an external Brown-
out Reset circuit connected to the RST pin may be required.
7.3
External Reset
The P4.2/RST pin can function as either an active-LOW reset input or as a digital general-
purpose I/O, P4.2. The Reset Pin Enable Fuse, when set to “1”, enables the external reset input
function on P4.2. (See “User Configuration Fuses” on page 164.) When cleared, P4.2 may be
used as an input or output pin. When configured as a reset input, the pin must be held low for at
least two clock cycles to trigger the internal reset. The RST pin includes an on-chip pull-up resis-
tor tied to V
DD. The pull-up is disabled when the pin is configured as P4.2.
Table 7-1.
Start-up Timer Settings
SUT Fuse 1
SUT Fuse 0
Clock Source
t
SUT (± 5%) µs
00
Internal RC/External Clock
16
Crystal Oscillator
1024
01
Internal RC/External Clock
512
Crystal Oscillator
2048
10
Internal RC/External Clock
1024
Crystal Oscillator
4096
11
Internal RC/External Clock
4096
Crystal Oscillator
16384
VDD
Time-out
VPOR
Internal
Reset
tSUT
VBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com