Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 194 page
background image
28
3706A–MICRO–9/09
AT89LP6440 - Preliminary
5.2.2.2
Index Disable
The MOVC Index Disable bit, MVCD (DSPR.1), disables the indexed addressing mode of the
MOVC A, @A+DPTR instruction. When MVCD = 1, the MOVC instruction functions as
MOVC A, @DPTR with no indexing as shown in Table 5-7. MVCD can improve the efficiency of
routines that must fetch multiple operands from program memory. DPRB can change the MOVC
destination register from ACC to B, but has no effect on the MOVC index register.
5.2.2.3
Circular Buffers
The CBE0 and CBE1 bits in DSPR can configure DPTR0 and DPTR1, respectively, to operate in
circular buffer mode. The AT89LP6440 maps circular buffers into two identically sized regions of
EDATA/XDATA. These buffers can speed up convolution computations such as FIR and IAR
digital filters. The length of the buffers are set by the value of the FIRD (E3H) register for up to
256 entries. Buffer A is mapped from 0000H to FIRD and Buffer B is mapped from 0100H to
100H+FIRD as shown in Figure 5-6. Both data pointers may operate in either buffer. When cir-
cular buffer mode is enabled, updates to a data pointer referencing the buffer region will follow
circular addressing rules. If the data pointer is equal to FIRD or 100H+FIRD any increment will
cause it to overflow to 0000H or 0100H respectively. If the data pointer is equal to 0000H or
0100H any decrement will cause it to underflow to FIRD or 100H+FIRD respectively. In this
mode, updates can be either an explicit INC DPTR or an automatic update using DPUn where
the DPDn bits control the direction. The data pointer will increment or decrement normally at any
other addresses. Therefore, when circular addressing is in use, the data pointers can still oper-
ate as regular pointers in the FIRD+1 to 00FFH and greater than 100H+FIRD ranges.
Figure 5-6.
Circular Buffer Mode
Table 5-7.
MOVC @DPTR Operating Modes
MVCD
DPRB
Equivalent Operation for MOVC A, @A+DPTR
DPS = 0
DPS = 1
DPTR
/DPTR
DPTR
/DPTR
00
MOVC
A, @A+DPTR0
MOVC
A, @A+DPTR1
MOVC
A, @A+DPTR1
MOVC
A, @A+DPTR0
01
MOVC
A, @A+DPTR0
MOVC
B, @A+DPTR1
MOVC
B, @A+DPTR1
MOVC
A, @A+DPTR0
10
MOVC
A, @DPTR0
MOVC
A, @DPTR1
MOVC
A, @DPTR1
MOVC
A, @DPTR0
11
MOVC
A, @DPTR0
MOVC
B, @DPTR1
MOVC
B, @DPTR1
MOVC
A, @DPTR0
0000h
DPTR
0100h
FIRD
100h + FIRD
DPTR
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com