Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 61Page - ATMEL Corporation AT89LP6440 Datasheet HTML 62Page - ATMEL Corporation AT89LP6440 Datasheet HTML 63Page - ATMEL Corporation AT89LP6440 Datasheet HTML 64Page - ATMEL Corporation AT89LP6440 Datasheet HTML 65Page - ATMEL Corporation AT89LP6440 Datasheet HTML 66Page - ATMEL Corporation AT89LP6440 Datasheet HTML 67Page - ATMEL Corporation AT89LP6440 Datasheet HTML 68Page - ATMEL Corporation AT89LP6440 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 194 page
background image
65
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 12-6. Timer 2 Waveform: Auto-Reload Mode (DCEN = 1)
12.3.3
Dual Slope Counter
When Timer 2 Auto-Reload Mode uses Count Mode 2 (T2CM
1-0 = 10B) or Count Mode 3
(T2CM
1-0 = 11B), the timer operates in a dual slope fashion. The timer counts up from MIN to
TOP and then counts down from TOP to MIN, following a sawtooth waveform as shown in Fig-
ure 12-7. The EXF2 bit is set/cleared by hardware to reflect the current count direction (Up =
0and Down = 1). The value of TOP stored in RCAP2H and RCAP2L is double-buffered such that
a new TOP value takes affect only after an underflow. The only difference between Mode 2 and
Mode 3 is when the interrupt flag is set. In Mode 2 TF2 is set once per count period when the
timer underflows at MIN. In Mode 3 TF2 is set twice per count period, once when the timer over-
flows at TOP and once when the timer underflows at MIN. The interrupt service routine can
check the EXF2 bit to determine if TF2 was set at TOP or MIN. These count modes are provided
to support variable precision symmetrical PWM in the CCA. DCEN has no effect when using
dual slope operation. The Timer 2 overflow rate for this mode is given in the following equation:
MAX
MIN
BOTTOM
T2CM1-0 = 00B, DCEN = 1
MAX
MIN
TOP
T2CM1-0 = 01B, DCEN = 1
T2EX
TF2 Set
TF2 Set
EXF2
Auto-Reload Mode:
DCEN = 0, T2CM = 10B
Time-out Period
RCAP2H RCAP2L
{,
}
2
×
Oscillator Frequency
-------------------------------------------------------------------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com