Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 16Page - ATMEL Corporation AT89LP6440 Datasheet HTML 17Page - ATMEL Corporation AT89LP6440 Datasheet HTML 18Page - ATMEL Corporation AT89LP6440 Datasheet HTML 19Page - ATMEL Corporation AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 194 page
background image
20
3706A–MICRO–9/09
AT89LP6440 - Preliminary
separate copies of SP for use with each stack space. Interrupts should be disabled while swap-
ping copies of SP in such an application to prevent illegal stack accesses.
All interrupt calls and PUSH, POP, ACALL, LCALL, RET and RETI instructions will incur a one
or two-cycle penalty while the extended stack is enabled, depending on the number of stack
access in each instruction. The extended stack may only exist within the internal EDATA space;
it cannot be placed in XDATA. The stack will continue to use EDATA even if EDATA is disabled
by setting EXRAM = 1.
Figure 3-14. Stack Configurations
3.5
In-Application Programming (IAP)
The AT89LP6440 supports In-Application Programming (IAP), allowing the program memory to
be modified during execution. IAP can be used to modify the user application on the fly or to use
program memory for nonvolatile data storage. The same page structure write protocol for
FDATA also applies to IAP (See Section 3.3.3.1 “Write Protocol” on page 13). The CPU is
always placed in idle while modifying the program memory. When the write completes, the CPU
will continue executing with the instruction after the MOVX @DPTR,A instruction that started the
write.
To enable access to the program memory, the IAP bit (MEMCON.7) must be set to one and the
IAP User Fuse must be enabled. The IAP User Fuse can disable all IAP operations. When this
fuse is disabled, the IAP bit will be forced to 0. While IAP is enabled, all MOVX @DPTR instruc-
tions will access the CODE space instead of EDATA/FDATA/XDATA. IAP also allows
reprogramming of the User Signature Array when SIGEN = 1. The IAP access settings are sum-
marized in Table 3-5.
70
00h
FFh
IDATA
(256)
SP
70
00h
FFFh
EDATA
(4K)
SP
30
SPX
XSTK = 0
XSTK = 1
Table 3-5.
IAP Access Settings
IAP
SIGEN
DMEN
MOVX @DPTR
MOVC @DPTR
0
0
0
EDATA (0000–0FFFH)
CODE (0000–FFFFH)
0
0
1
FDATA (1000–2FFFH)
CODE (0000–FFFFH)
0
1
0
EDATA (0000–0FFFH)
SIG (0000–01FFH)
0
1
1
FDATA (1000–2FFFH)
SIG (0000–01FFH)
1
0
X
CODE (0000–FFFFH)
CODE (0000–FFFFH)
11
X
SIG (0000–01FFH)
SIG (0000–01FFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com