Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation AT89LP6440 Datasheet HTML 80Page - ATMEL Corporation AT89LP6440 Datasheet HTML 81Page - ATMEL Corporation AT89LP6440 Datasheet HTML 82Page - ATMEL Corporation AT89LP6440 Datasheet HTML 83Page - ATMEL Corporation AT89LP6440 Datasheet HTML 84Page - ATMEL Corporation AT89LP6440 Datasheet HTML 85Page - ATMEL Corporation AT89LP6440 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 194 page
background image
82
3706A–MICRO–9/09
AT89LP6440 - Preliminary
another interrupt will be generated. Both INT0 and INT1 may wake up the device from the
Power-down state.
15. General-purpose Interrupts
The General-purpose Interrupt (GPI) function provides 8 configurable external interrupts on
Port 1. Each port pin can detect high/low levels or positive/negative edges. The GPIEN register
select which bits of Port 1 are enabled to generate an interrupt. The GPMOD and GPLS regis-
ters determine the mode for each individual pin. GPMOD selects between level-sensitive and
edge-triggered mode. GPLS selects between high/low in level mode and positive/negative in
edge mode. A block diagram is shown in Figure 15-1. The pins of Port 1 are sampled every
clock cycle. In level-sensitive mode, a valid level must appear in two successive samples before
generating the interrupt. In edge-triggered mode, a transition will be detected if the value
changes from one sample to the next. When an interrupt condition on a pin is detected, and that
pin is enabled, the appropriate flag in the GPIF register is set. The flags in GPIF must be cleared
by software. Any GPI interrupt may wake up the device from the Power-down state.
Figure 15-1. GPI Block Diagram
DQ
2
2
2
2
00
1
1
(P1.2) GPI2
DQ
1
1
1
1
00
1
1
(P1.1) GPI1
DQ
0
0
0
0
00
1
1
(P1.0) GPI0
DQ
3
3
3
3
00
1
1
(P1.3) GPI3
DQ
6
6
6
6
00
1
1
(P1.6) GPI6
DQ
5
5
5
5
00
1
1
(P1.5) GPI5
DQ
4
4
4
4
00
1
1
(P1.4) GPI4
DQ
7
7
7
7
00
1
1
(P1.7) GPI7
GPMOD
GPLS
GPIEN
GPIF
Interrupt
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com