Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 194 page
background image
30
3706A–MICRO–9/09
AT89LP6440 - Preliminary
6.
System Clock
The system clock is generated directly from one of three selectable clock sources. The three
sources are the on-chip crystal oscillator, external clock source, and internal RC oscillator. The
on-chip crystal oscillator may also be configured for low or high speed operation. The clock
source is selected by the Clock Source User Fuses as shown in Table 6-1. See “User Configura-
tion Fuses” on page 164. By default, no internal clock division is used to generate the CPU clock
from the system clock. However, the system clock divider may be used to prescale the system
clock. The choice of clock source also affects the start-up time after a POR, BOD or Power-
down event (See “Reset” on page 32 or “Power-down Mode” on page 36)
6.1
Crystal Oscillator
When enabled, the internal inverting oscillator amplifier is connected between XTAL1 and
XTAL2 for connection to an external quartz crystal or ceramic resonator. The oscillator may
operate in either high-speed or low-speed mode. Low-speed mode is intended for 32.768 kHz
watch crystals and consumes less power than high-speed mode. The configuration as shown in
Figure 6-1 applies for both high and low speed oscillators. Note that the internal structure of the
device adds about 10 pF of capacitance to both XTAL1 and XTAL2, so that in some cases an
external capacitor may NOT be required. It is recommended that a resistor R1 be connected to
XTAL1, instead of load capacitor C1, for improved startup performance. The total capacitance
on XTAL1 or XTAL2, including the external load capacitor plus internal device load, board trace
and crystal loadings, should not exceed 20 pF. When using the crystal oscillator, P4.0 and P4.1
will have their inputs and outputs disabled. Also, XTAL2 in crystal oscillator mode should not be
used to directly drive a board-level clock without a buffer.
Figure 6-1.
Crystal Oscillator Connections
Note:
1.
C1
= 0–10 pF for Crystals
= 0–10 pF for Ceramic Resonators
R1
= 4–5 M
Ω
Table 6-1.
Clock Source Settings
Clock Source
Fuse 1
Clock Source
Fuse 0
Selected Clock Source
0
0
High Speed Crystal Oscillator (f > 500 kHz)
01
Low Speed Crystal Oscillator (f
≤100 kHz)
10
External Clock on XTAL1
1
1
Internal 8 MHz RC Oscillator
~10 pF
~10 pF
C2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com