Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 44Page - ATMEL Corporation AT89LP6440 Datasheet HTML 45Page - ATMEL Corporation AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation AT89LP6440 Datasheet HTML 47Page - ATMEL Corporation AT89LP6440 Datasheet HTML 48Page - ATMEL Corporation AT89LP6440 Datasheet HTML 49Page - ATMEL Corporation AT89LP6440 Datasheet HTML 50Page - ATMEL Corporation AT89LP6440 Datasheet HTML 51Page - ATMEL Corporation AT89LP6440 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 194 page
background image
48
3706A–MICRO–9/09
AT89LP6440 - Preliminary
10.4
Port Alternate Functions
Most general-purpose digital I/O pins of the AT89LP6440 share functionality with the various
I/Os needed for the peripheral units. Table 10-6 lists the alternate functions of the port pins.
Alternate functions are connected to the pins in a logic AND fashion. In order to enable the
alternate function on a port pin, that pin must have a “1” in its corresponding port register bit,
otherwisethe input/output will always be “0”. However, alternate functions may be temporarily
forced to “0” by clearing the associated port bit, provided that the pin is not in input-only mode.
Furthermore, each pin must be configured for the correct input/output mode as required by its
peripheral before it may be used as such. Table 10-5 shows how to configure a generic pin for
use with an alternate function.
Table 10-5.
Alternate Function Configurations for Pin y of Port x
PxM0.y
PxM1.y
Px.y
I/O Mode
00
1
bidirectional (internal pull-up)
01
1
output
10
X
input
11
1
bidirectional (external pull-up)
Table 10-6.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0.y
PxM1.y
P0.0
P0M0.0
P0M1.0
AD0
Automatic configuration
ADC0
input-only
P0.1
P0M0.1
P0M1.1
AD1
Automatic configuration
ADC1
input-only
P0.2
P0M0.2
P0M1.2
AD2
Automatic configuration
ADC2
input-only
P0.3
P0M0.3
P0M1.3
AD3
Automatic configuration
ADC3
input-only
P0.4
P0M0.4
P0M1.4
AD4
Automatic configuration
ADC4
input-only
P0.5
P0M0.5
P0M1.5
AD5
Automatic configuration
ADC5
input-only
P0.6
P0M0.6
P0M1.6
AD6
Automatic configuration
ADC6
input-only
P0.7
P0M0.7
P0M1.7
AD7
Automatic configuration
ADC7
input-only
P1.0
P1M0.0
P1M1.0
T2
GPI0
P1.1
P1M0.1
P1M1.1
T2EX
GPI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com