Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation AT89LP6440 Datasheet HTML 80Page - ATMEL Corporation AT89LP6440 Datasheet HTML 81Page - ATMEL Corporation AT89LP6440 Datasheet HTML 82Page - ATMEL Corporation AT89LP6440 Datasheet HTML 83Page - ATMEL Corporation AT89LP6440 Datasheet HTML 84Page - ATMEL Corporation AT89LP6440 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 194 page
background image
81
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 13-14. Multi-Phasic PWM Modes
14. External Interrupts
The INT0 (P3.2) and INT1 (P3.3) pins of the AT89LP6440 may be used as external interrupt
sources. The external interrupts can be programmed to be level-activated or transition-activated
by setting or clearing bit IT1 or IT0 in Register TCON. If ITx = 0, external interrupt x is triggered
by a detected low at the INTx pin. If ITx = 1, external interrupt x is edge-triggered. In this mode if
successive samples of the INTx pin show a high in one cycle and a low in the next cycle, inter-
rupt request flag IEx in TCON is set. Flag bit IEx then requests the interrupt. Since the external
interrupt pins are sampled once each clock cycle, an input high or low should hold for at least 2
oscillator periods to ensure sampling. If the external interrupt is transition-activated, the external
source has to hold the request pin high for at least two clock cycles, and then hold it low for at
least two clock cycles to ensure that the transition is seen so that interrupt request flag IEx will
be set. IEx will be automatically cleared by the CPU when the service routine is called if gener-
ated in edge-triggered mode. If the external interrupt is level-activated, the external source has
to hold the request active until the requested interrupt is actually generated. Then the external
source must deactivate the request before the interrupt service routine is completed, or else
CCA
CCB
CCC
CCD
CCA
CCB
CCC
CCD
CCA
CCB
CCC
CCD
PHSD
CCA
CCB
CCC
CCD
PHSD
CCA
CCB
CCC
CCD
PHS = 000B
PHS = 001B
PHS = 010B
PHS = 011B
PHS = 100B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com