Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 40Page - ATMEL Corporation AT89LP6440 Datasheet HTML 41Page - ATMEL Corporation AT89LP6440 Datasheet HTML 42Page - ATMEL Corporation AT89LP6440 Datasheet HTML 43Page - ATMEL Corporation AT89LP6440 Datasheet HTML 44Page - ATMEL Corporation AT89LP6440 Datasheet HTML 45Page - ATMEL Corporation AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation AT89LP6440 Datasheet HTML 47Page - ATMEL Corporation AT89LP6440 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 194 page
background image
44
3706A–MICRO–9/09
AT89LP6440 - Preliminary
10. I/O Ports
The AT89LP6440 can be configured for between 35 and 38 I/O pins. The exact number of I/O
pins available depends on the clock and reset options as shown in Table 10-1.
10.1
Port Configuration
All port pins on the AT89LP6440 may be configured to one of four modes: quasi-bidirectional
(standard 8051 port outputs), push-pull output, open-drain output, or input-only. Port modes may
be assigned in software on a pin-by-pin basis as shown in Table 10-2 using the registers listed in
Table 10-3. The Tristate-Port User Fuse determines the default state of the port pins. When the
fuse is enabled, all port pins default to input-only mode after reset. When the fuse is disabled, all
port pins, with the exception of the analog inputs, P0.7-0, P2.4, P2.5, P2.6 and P2.7, default to
quasi-bidirectional mode after reset and are weakly pulled high. The analog input pins always
reset to input-only (tristate) mode. Each port pin also has a Schmitt-triggered input for improved
input noise rejection. During Power-down all the Schmitt-triggered inputs are disabled with the
exception of P3.2 (INT0), P3.3 (INT1), P4.2 (RST), P4.0 (XTAL1) and P4.1 (XTAL2) which may
be used to wake up the device. Therefore, P3.2, P3.3, P4.2, P4.0 and P4.1 should not be left
floating during Power-down. In addition any pin of Port 1 configured as a General-Purpose inter-
rupt input will also remain active during Power-down to wake-up the device. These interrupt pins
should either be disabled before entering Power-down or they should not be left floating.
.
.
Table 10-1.
I/O Pin Configurations
Clock Source
Reset Option
Number of I/O Pins
External Crystal or
Resonator
External RST Pin
35
No external reset
36
External Clock
External RST Pin
36
No external reset
37
Internal RC Oscillator
External RST Pin
37
No external reset
38
Table 10-2.
Configuration Modes for Port x, Bit y
PxM0.y
PxM1.y
Port Mode
00
Quasi-bidirectional
01
Push-pull Output
10
Input Only (High Impedance)
1
1
Open-Drain Output
Table 10-3.
Port Configuration Registers
Port
Port Data
Port Configuration
0P0 (80H)
P0M0 (BAH), P0M1 (BBH)
1
P1 (90H)
P1M0 (C2H), P1M1 (C3H)
2
P2 (A0H)
P2M0 (C4H), P2M1 (C5H)
3
P3 (B0H)
P3M0 (C6H), P3M1 (C7H)
4
P4 (C0H)
P4M0 (BEH), P4M1 (BFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com