Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation AT89LP6440 Datasheet HTML 10Page - ATMEL Corporation AT89LP6440 Datasheet HTML 11Page - ATMEL Corporation AT89LP6440 Datasheet HTML 12Page - ATMEL Corporation AT89LP6440 Datasheet HTML 13Page - ATMEL Corporation AT89LP6440 Datasheet HTML 14Page - ATMEL Corporation AT89LP6440 Datasheet HTML 15Page - ATMEL Corporation AT89LP6440 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 194 page
background image
12
3706A–MICRO–9/09
AT89LP6440 - Preliminary
3.2.2
IDATA
The full 256 byte internal RAM can be indirectly addressed using the 8-bit pointers R0 and R1.
The first 128 bytes of IDATA include the DATA space. The hardware stack is also located in the
IDATA space when XSTK = 0.
3.2.3
SFR
The upper 128 direct addresses (80H–FFH) access the I/O registers. I/O registers on AT89LP
devices are referred to as Special Function Registers. The SFRs can only be accessed through
direct addressing. All SFR locations are not implemented. See Section 4. for a listed of available
SFRs.
3.3
External Data Memory
AT89LP microcontrollers support a 16-bit external memory address space for up to 64K bytes of
external data memory (XDATA). The external memory space is accessed with the MOVX
instructions. Some internal data memory resources are mapped into portions of the external
address space as shown in Figure 3-3. These memory spaces may require configuration before
the CPU can access them. The AT89LP6440 includes 4K bytes of on-chip Extra RAM (EDATA)
and 8K bytes of nonvolatile Flash data memory (FDATA).
Figure 3-3.
External Data Memory Map
3.3.1
XDATA
The external data memory space can accommodate up to 64KB of external memory. The
AT89LP6440 uses the standard 8051 external memory interface with the upper address byte on
Port 2, the lower address byte and data in/out multiplexed on Port 0, and the ALE, RD and WR
strobes. MOVX instructions targeted to XDATA require a minimum of 4 clock cycles. XDATA can
be accessed with both 16-bit (MOVX @DPTR) and 8-bit (MOVX @Ri) addresses. See Section
3.3.4 on page 16 for more details of the external memory interface.
Extra RAM
(EDATA: 4KB)
0FFF
2FFF
3000
Flash Data
(FDATA: 8KB)
0000
0FFF
1000
FFFF
External Data
(XDATA: 64KB)
External Data
(XDATA: 60KB)
Extra RAM
(EDATA: 4KB)
External Data
(XDATA: 52KB)
FFFF
FFFF
1000
EXRAM = 1
EXRAM = 0
DMEN = 0
EXRAM = 0
DMEN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com