Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 3Page - ATMEL Corporation AT89LP6440 Datasheet HTML 4Page - ATMEL Corporation AT89LP6440 Datasheet HTML 5Page - ATMEL Corporation AT89LP6440 Datasheet HTML 6Page - ATMEL Corporation AT89LP6440 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation AT89LP6440 Datasheet HTML 10Page - ATMEL Corporation AT89LP6440 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 194 page
background image
7
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Timer 0 and Timer 1 in the AT89LP6440 are enhanced with two new modes. Mode 0 can be
configured as a variable 9- to 16-bit timer/counter and Mode 1 can be configured as a 16-bit
auto-reload timer/counter. In addition, the timer/counters may each independently drive an 8-bit
precision pulse width modulation output.
Timer 2 on the AT89LP6440 serves as a 16-bit time base for a 4-channel Compare/Capture
Array with up to four multi-phasic, variable precision (up to 16-bit) PWM outputs.
The enhanced UART of the AT89LP6440 includes Framing Error Detection and Automatic
Address Recognition. In addition, enhancements to Mode 0 allow hardware accelerated emula-
tion of half-duplex SPI or Two Wire interfaces.
The I/O ports of the AT89LP6440 can be independently configured in one of four operating
modes. In quasi-bidirectional mode, the ports operate as in the classic 8051. In input-only mode,
the ports are tristated. Push-pull output mode provides full CMOS drivers and open-drain mode
provides just a pull-down. In addition, all 8 pins of Port 1 can be configured to generate an inter-
rupt using the general-purpose interrupt interface.
2.1
Block Diagram
Figure 2-1.
AT89LP6440 Block Diagram
64K Bytes
Flash Code
Port 2
Configurable I/O
Port 1
Configurable I/O
UART
SPI
Timer 0
Timer 1
Dual Analog
Comparators
Watchdog
Timer
Internal
RC Oscillator
General-purpose
Interrupt
Configurable
Oscillator
Crystal or
Resonator
8K Bytes
Flash Data
Port 4
Configurable I/O
Port 3
Configurable I/O
Timer 2
Compare/
Capture Array
Port 0
Configurable I/O
TWI
8-channel 10-bit
ADC/DAC
8
256 Bytes
RAM
4K Bytes
ERAM
XRAM
Interface
8051 Single Cycle CPU
POR
BOD
Dual Data
Pointers
Multiply
Accumulate
(16 x 16)
On-Chip
Debug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com