Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 14Page - ATMEL Corporation AT89LP6440 Datasheet HTML 15Page - ATMEL Corporation AT89LP6440 Datasheet HTML 16Page - ATMEL Corporation AT89LP6440 Datasheet HTML 17Page - ATMEL Corporation AT89LP6440 Datasheet HTML 18Page - ATMEL Corporation AT89LP6440 Datasheet HTML 19Page - ATMEL Corporation AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 194 page
background image
18
3706A–MICRO–9/09
AT89LP6440 - Preliminary
automatically tristated when inputting data regardless of the Port 0 configuration. The Port 0
configuration will determine the idle state of Port 0 when not accessing the external memory.
Figure 3-9 and Figure 3-10 show examples of external data memory write and read cycles,
respectively. The address on P0 and P2 is stable at the falling edge of ALE. The idle polarity of
ALE is controlled by ALES (AUXR.0). When ALES = 0 the idle polarity of ALE is high (active).
When ALES = 1 the idle polarity of ALE is low (inactive). The ALE strobe pulse is always active
high. Unlike standard 8051s, ALE will not toggle continuously when not accessing external
memory. ALES must be zero in order to use P4.4 as a general-purpose I/O. The WS bits in
AUXR can extended the RD and WR strobes by 1, 2 or 3 cycles as shown in Figures 3-11, 3-12
and 3-13. If a longer strobe is required, the application can scale the system clock with the clock
divider to meet the requirements (See Section 6.5 on page 31).
Figure 3-9.
External Data Memory Write Cycle (WS =00B)
Figure 3-10. External Data Memory Read Cycle (WS = 00B)
S1
S2
S3
S4
CLK
ALE
ALES = 0
ALES = 1
WR
DPL or Ri OUT
P0 SFR
P0 SFR
P0
P2 SFR
P2 SFR
DPH or P2 OUT
P2
DATA OUT
S1
S2
S3
S4
CLK
ALE
ALES = 0
ALES = 1
RD
FLOAT
DATA SAMPLED
DPL or Ri OUT
P0 SFR
P0 SFR
P0
P2 SFR
P2 SFR
DPH or P2 OUT
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com