Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 15Page - ATMEL Corporation AT89LP6440 Datasheet HTML 16Page - ATMEL Corporation AT89LP6440 Datasheet HTML 17Page - ATMEL Corporation AT89LP6440 Datasheet HTML 18Page - ATMEL Corporation AT89LP6440 Datasheet HTML 19Page - ATMEL Corporation AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 194 page
background image
19
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 3-11. MOVX with One Wait State (WS =01B)
Figure 3-12. MOVX with Two Wait States (WS =10B)
Figure 3-13. MOVX with Three Wait States (WS =11B)
3.4
Extended Stack
The AT89LP6440 provides an extended stack space for applications requiring additional stack
memory. By default the stack is located in the 256-byte IDATA space of internal data memory.
The IDATA stack is referenced solely by the 8-bit Stack Pointer (SP: 81H). Setting the XSTK bit
in AUXR enables the extended stack. The extended stack resides in the EDATA space for up to
4KB of stack memory. The extended stack is referenced by a 12-bit pointer formed from SP and
the four LSBs of the Extended Stack Pointer (SPX: 9EH) as shown in Figure 3-14. SP is shared
between both stacks. Note that the standard IDATA stack will not overflow to the EDATA stack
or vice versa. The stack and extended stack are mutually exclusive and SPX is ignored when
XTSK=0. An application choosing to switch between stacks by toggling XSTK must maintain
S1
S2
S3
W1
CLK
ALE
WR
DPL OUT
P0 SFR
P0 SFR
P0
P2 SFR
P2 SFR
DPH or P2 OUT
P2
DATA OUT
S4
RD
DPL OUT
P0 SFR
P0 SFR
P0
FLOAT
S1
S2
S3
W1
CLK
ALE
WR
DPL OUT
P0 SFR
P0 SFR
P0
P2 SFR
P2 SFR
DPH or P2 OUT
P2
DATA OUT
W2
RD
DPL OUT
P0 SFR
P0 SFR
P0
FLOAT
S4
S1
S2
S3
W1
CLK
ALE
WR
DPL OUT
P0 SFR
P0 SFR
P0
P2 SFR
P2 SFR
DPH or P2 OUT
P2
DATA OUT
W2
RD
DPL OUT
P0 SFR
P0 SFR
P0
FLOAT
W3
S4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com