Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 18Page - ATMEL Corporation AT89LP6440 Datasheet HTML 19Page - ATMEL Corporation AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 194 page
background image
22
3706A–MICRO–9/09
AT89LP6440 - Preliminary
5.
Enhanced CPU
The AT89LP6440 uses an enhanced 8051 CPU that runs at 6 to 12 times the speed of standard
8051 devices (or 3 to 6 times the speed of X2 8051 devices). The increase in performance is
due to two factors. First, the CPU fetches one instruction byte from the code memory every clock
cycle. Second, the CPU uses a simple two-stage pipeline to fetch and execute instructions in
parallel. This basic pipelining concept allows the CPU to obtain up to 1 MIPS per MHz. A simple
example is shown in Figure 5-1.
The 8051 instruction set allows for instructions of variable length from 1 to 3 bytes. In a single-
clock-per-byte-fetch system this means each instruction takes at least as many clocks as it has
bytes to execute. The majority of instructions in the AT89LP6440 follow this rule: the instruction
execution time in clock cycles equals the number of bytes per instruction, with a few exceptions.
Branches and Calls require an additional cycle to compute the target address and some other
complex instructions require multiple cycles. See “Instruction Set Summary” on page 143. for
more detailed information on individual instructions. Figures 5-2 and 5-3 show examples of 1-
and 2-byte instructions.
Figure 5-1.
Parallel Instruction Fetches and Executions
Figure 5-2.
Single-cycle ALU Operation (Example: INC R0)
System Clock
nth Instruction
(n+1)th Instruction
Fetch
Execute
Fetch
Execute
Fetch
Tn
Tn+1
Tn+2
(n+2)th Instruction
System Clock
Total Execution Time
Register Operand Fetch
T1
T2
T3
ALU Operation Execute
Result Write Back
Fetch Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com