Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 45Page - ATMEL Corporation AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation AT89LP6440 Datasheet HTML 47Page - ATMEL Corporation AT89LP6440 Datasheet HTML 48Page - ATMEL Corporation AT89LP6440 Datasheet HTML 49Page - ATMEL Corporation AT89LP6440 Datasheet HTML 50Page - ATMEL Corporation AT89LP6440 Datasheet HTML 51Page - ATMEL Corporation AT89LP6440 Datasheet HTML 52Page - ATMEL Corporation AT89LP6440 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 194 page
background image
49
3706A–MICRO–9/09
AT89LP6440 - Preliminary
P1.2
P1M0.2
P1M1.2
SDA
open-drain
GPI2
P1.3
P1M0.3
P1M1.3
SCL
open-drain
GPI3
P1.4
P1M0.4
P1M1.4
SS
GPI4
P1.5
P1M0.5
P1M1.5
MOSI
GPI5
P1.6
P1M0.6
P1M1.6
MISO
GPI6
P1.7
P1M0.7
P1M1.7
SCK
GPI7
P2.0
P2M0.0
P2M1.0
CCA
P2.1
P2M0.1
P2M1.1
CCB
P2.2
P2M0.2
P2M1.2
CCC
DA+
input-only
P2.3
P2M0.3
P2M1.3
CCD
DA-
input-only
P2.4
P2M0.4
P2M1.4
AIN0
input-only
P2.5
P2M0.5
P2M1.5
AIN1
input-only
P2.6
P2M0.6
P2M1.6
AIN2
input-only
P2.7
P2M0.7
P2M1.7
AIN3
input-only
P3.0
P3M0.0
P3M1.0
RXD
P3.1
P3M0.1
P3M1.1
TXD
P3.2
P3M0.2
P3M1.2
INT0
P3.3
P3M0.3
P3M1.3
INT1
P3.4
P3M0.4
P3M1.4
T0
P3.5
P3M0.5
P3M1.5
T1
P3.6
P3M0.6
P3M1.6
WR
P3.7
P3M0.7
P3M1.7
RD
P4.2
P3M0.5
P3M1.5
RST
RST must be disabled to use P4.2
P4.6
not configurable
CMPA
Pin is tied to comparator output
P4.7
not configurable
CMPB
Pin is tied to comparator output
Table 10-6.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0.y
PxM1.y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com