Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation AT89LP6440 Datasheet HTML 37Page - ATMEL Corporation AT89LP6440 Datasheet HTML 38Page - ATMEL Corporation AT89LP6440 Datasheet HTML 39Page - ATMEL Corporation AT89LP6440 Datasheet HTML 40Page - ATMEL Corporation AT89LP6440 Datasheet HTML 41Page - ATMEL Corporation AT89LP6440 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 194 page
background image
38
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 8-3.
Reset Recovery from Power-down
8.3.2
Analog Comparators
The comparators will operate during Idle mode if enabled. To save power, the comparators
should be disabled before entering Idle mode if possible. When the comparators are turned off
and on again, some settling time is required for the analog circuits to stabilize. If the comparators
are enabled, they will consume the least power when using an external reference, RFA
1-0 =00B
and RFB
1-0 =00B.
8.3.3
Analog-to-Digital Converter
The DADC will operate during Idle mode if enabled. To save power, the DADC should be dis-
abled before entering Idle mode if possible. When the DADC is turned off and on again, some
settling time is required for the analog circuits to stabilize. If the DADC is enabled, it will con-
sume the least power when configured to use the system clock instead of the internal RC
oscillator (unless the IRC is the system clock source) and when the internal reference is disabled
(IREF = 0). The DADC must always be disabled before entering power-down.
9.
Interrupts
The AT89LP6440 provides 12 interrupt sources: two external interrupts, three timer interrupts, a
serial port interrupt, an analog comparator interrupt, a general-purpose interrupt, a com-
pare/capture interrupt, a two-wire interrupt, an ADC interrupt and an SPI interrupt. These
interrupts and the system reset each have a separate program vector at the start of the program
memory space. Each interrupt source can be individually enabled or disabled by setting or clear-
ing a bit in the interrupt enable registers IE and IE2. The IE register also contains a global
disable bit, EA, which disables all interrupts.
Each interrupt source can be individually programmed to one of four priority levels by setting or
clearing bits in the interrupt priority registers IP, IPH, IP2 and IP2H. IP and IP2 hold the low order
priority bits and IPH and IP2H hold the high priority bits for each interrupt. An interrupt service
routine in progress can be interrupted by a higher priority interrupt, but not by another interrupt of
the same or lower priority. The highest priority interrupt cannot be interrupted by any other inter-
rupt source. If two requests of different priority levels are pending at the end of an instruction, the
request of higher priority level is serviced. If requests of the same priority level are pending at
the end of an instruction, an internal polling sequence determines which request is serviced. The
polling sequence is based on the vector address; an interrupt with a lower vector address has
higher priority than an interrupt with a higher vector address. Note that the polling sequence is
only used to resolve pending requests of the same priority level.
PWD
RST
XTAL1
tSUT
Internal
Clock
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com