Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89LP6440 Datasheet HTML 1Page - ATMEL Corporation AT89LP6440 Datasheet HTML 2Page - ATMEL Corporation AT89LP6440 Datasheet HTML 3Page - ATMEL Corporation AT89LP6440 Datasheet HTML 4Page - ATMEL Corporation AT89LP6440 Datasheet HTML 5Page - ATMEL Corporation AT89LP6440 Datasheet HTML 6Page - ATMEL Corporation AT89LP6440 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 194 page
background image
5
3706A–MICRO–9/09
AT89LP6440 - Preliminary
17
23
20
17
GND
I
Ground
18
24
21
18
P2.0
I/O
I/O
O
P2.0: User-configurable I/O Port 2 bit 0.
CCA: Timer 2 Channel A Compare Output or Capture Input.
A8: External memory interface Address bit 8.
19
25
22
19
P2.1
I/O
I/O
O
P2.1: User-configurable I/O Port 2 bit 1.
CCB: Timer 2 Channel B Compare Output or Capture Input.
A9: External memory interface Address bit 9.
20
26
23
20
P2.1
I/O
I/O
O
O
P2.2: User-configurable I/O Port 2 bit 2.
CCC: Timer 2 Channel C Compare Output or Capture Input.
A10: External memory interface Address bit 10.
DA-: DAC negative differential output.
21
27
24
21
P2.3
I/O
I/O
O
O
P2.3: User-configurable I/O Port 2 bit 3.
CCD: Timer 2 Channel D Compare Output or Capture Input.
A11: External memory interface Address bit 11.
D+-: DAC positive differential output.
22
28
25
22
P2.4
I/O
I
O
P2.4: User-configurable I/O Port 2 bit 5.
AIN0: Analog Comparator Input 0.
A12: External memory interface Address bit 12.
23
29
26
23
P2.5
I/O
I
O
P2.5: User-configurable I/O Port 2 bit 5.
AIN1: Analog Comparator Input 1.
A13: External memory interface Address bit 13.
24
30
27
24
P2.6
I/O
I
O
P2.6: User-configurable I/O Port 2 bit 6.
AIN2: Analog Comparator Input 2.
A14: External memory interface Address bit 14.
25
31
28
25
P2.7
I/O
I
O
P2.7: User-configurable I/O Port 2 bit 7.
AIN3: Analog Comparator Input 3.
A15: External memory interface Address bit 15.
26
32
29
26
P4.5
I/O
P4.5: User-configurable I/O Port 4 bit 5.
27
33
30
27
P4.4
I/O
O
P4.4: User-configurable I/O Port 4 bit 4.
ALE: External memory interface Address Latch Enable.
28
34
28
GND
I
Ground
29
35
31
29
P4.3
I/O
I/O
P4.3: User-configurable I/O Port 4 bit 3.
DDA: Serial Data input/output for On-Chip Debug Interface when OCD is enabled and
the Crystal oscillator is selected as the clock source.
30
36
32
30
P0.7
I/O
O
I
P0.7: User-configurable I/O Port 0 bit 7.
AD7: External memory interface Address/Data bit 7.
ADC7: ADC analog input 7.
31
37
33
31
P0.6
I/O
O
I
P0.6: User-configurable I/O Port 0 bit 6.
AD6: External memory interface Address/Data bit 6.
ADC6: ADC analog input 6.
32
38
34
32
P0.5
I/O
O
I
P0.5: User-configurable I/O Port 0 bit 5.
AD5: External memory interface Address/Data bit 5.
ADC5: ADC analog input 5.
33
39
35
33
P0.4
I/O
O
I
P0.4: User-configurable I/O Port 0 bit 4.
AD4: External memory interface Address/Data bit 4.
ADC4: ADC analog input 4.
34
40
36
34
P0.3
I/O
O
I
P0.3: User-configurable I/O Port 0 bit 3.
AD3: External memory interface Address/Data bit 3.
ADC3: ADC analog input 3.
Table 1-1.
AT89LP6440 Pin Description
Pin Number
Symbol
Type
Description
TQFP
PLCC
PDIP
VQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com