Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 58Page - ATMEL Corporation AT89LP6440 Datasheet HTML 59Page - ATMEL Corporation AT89LP6440 Datasheet HTML 60Page - ATMEL Corporation AT89LP6440 Datasheet HTML 61Page - ATMEL Corporation AT89LP6440 Datasheet HTML 62Page - ATMEL Corporation AT89LP6440 Datasheet HTML 63Page - ATMEL Corporation AT89LP6440 Datasheet HTML 64Page - ATMEL Corporation AT89LP6440 Datasheet HTML 65Page - ATMEL Corporation AT89LP6440 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 194 page
background image
62
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 12-1. Timer 2 Diagram: Capture Mode
12.3
Auto-Reload Mode
Timer 2 can be programmed to count up or down when configured in its 16-bit auto-reload
mode. This feature is invoked by the DCEN (Down Counter Enable) bit located in the SFR
T2MOD (see Table 12-4). Upon reset, the DCEN bit is set to 0 so that timer 2 will default to
count up. When DCEN is set, Timer 2 can count up or down, depending on the value of the
T2EX pin. The overflow and reload values depend on the Timer 2 Count Mode bits, T2CM
1-0 in
T2MOD. A summary of the Auto-Reload behaviors is listed in Table 12-5.
12.3.1
Up Counter
Figure 12-2 shows Timer 2 automatically counting up when DCEN = 0 and T2CM
1-0 = 00B. In
this mode Timer 2 counts up to MAX and then sets the TF2 bit upon overflow. The overflow also
causes the timer registers to be reloaded with BOTTOM, the 16-bit value in RCAP2H and
RCAP2L. If EXEN2 = 1, a 16-bit reload can be triggered either by an overflow or by a 1-to-0 tran-
sition at external input T2EX. This transition also sets the EXF2 bit. Both the TF2 and EXF2 bits
can generate an interrupt. The Timer 2 overflow rate for this mode is given in the following
equation:
Timer 2 may also be configured to count from MIN to TOP instead of BOTTOM to MAX by set-
ting T2CM
1-0 = 01B. In this mode Timer 2 counts up to TOP, the 16-bit value in RCAP2H and
÷TPS
EXF2
T2EX PIN
T2 PIN
TR2
EXEN2
C/T2 = 0
C/T2 = 1
CAPTURE
OVERFLOW
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
RCAP2H
RCAP2L
TL2
TH2
TF2
OSC
Table 12-5.
Summary of Auto-Reload Modes
T2CM1-0
DCEN
T2EX
Direction
Behavior
00
0
X
Up
reload to BOTTOM
00
1
0
Down
underflow to MAX
00
1
1
Up
overflow to BOTTOM
01
0
X
Up
reload to MIN
01
1
0
Down
underflow to TOP
01
1
1
Up
overflow to MIN
10
X
X
Up-Down
and repeat
11
X
X
Up-Down
and repeat
BOTTOM
MAX
→
MAX
BOTTOM
→
BOTTOM
MAX
→
MIN
TOP
→
TOP
MIN
→
MIN
TOP
→
MIN
TOP
MIN
→→
MIN
TOP
MIN
→→
Auto-Reload Mode:
DCEN = 0, T2CM = 00B
Time-out Period
65536
RCAP2H RCAP2L
{,
}
–
Oscillator Frequency
-------------------------------------------------------------------------------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com