Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 194 page
background image
31
3706A–MICRO–9/09
AT89LP6440 - Preliminary
6.2
External Clock Source
The external clock option disables the oscillator amplifier and allows XTAL1 to be driven directly
by an external clock source as shown in Figure 6-2. XTAL2 may be left unconnected, used as
general purpose I/O P4.1, or configured to output a divided version of the system clock.
Figure 6-2.
External Clock Drive Configuration
6.3
Internal RC Oscillator
The AT89LP6440 has an Internal RC oscillator (IRC) tuned to 8.0 MHz ±2.5%. When enabled
as the clock source, XTAL1 and XTAL2 may be used as P4.0 and P4.1 respectively. XTAL2
may also be configured to output a divided version of the system clock. The frequency of the
oscillator may be adjusted within limits by changing the RC Calibration Byte stored at byte 128 of
the User Signature Array. This location may be updated using the IAP interface (location 0180H
in SIG space) or by an external device programmer (UROW location 0080H). See Section 25.8
“User Signature and Analog Configuration” on page 165. A copy of the factory calibration byte is
stored at byte 8 of the Atmel Signature Array (0008H in SIG space).
6.4
System Clock Out
When the AT89LP6440 is configured to use either an external clock or the internal RC oscillator,
the system clock divided by 2 may be output on XTAL2 (P4.1). The clock out feature is enabled
by setting the COE bit in CLKREG. For example, setting COE = “1” when using the internal oscil-
lator will result in a 4.0 MHz (±2.5%) clock output on P4.1. P4.1 must be configured as an output
in order to use the clock out feature.
6.5
System Clock Divider
The CDV
2-0 bits in CLKREG allow the system clock to be divided down from the selected clock
source by powers of 2. The clock divider provides users with a greater frequency range when
using the Internal RC Oscillator. For example, to achieve a 1 MHz system frequency when using
the IRC, CDV
2-0 should be set to 011B for divide-by-8 operation. The divider can also be used to
reduce power consumption by decreasing the operational frequency during non-critical periods.
The resulting system frequency is given by the following equation:
where f
OSC is the frequency of the selected clock source. The clock divider will prescale the clock
for the CPU and all peripherals. The value of CDV may be changed at any time without interrupt-
XTAL2 (P4.1)
XTAL1 (P4.0)
GND
NC, GPIO, or
CLKOUT
EXTERNAL
OSCILLATOR
SIGNAL
fSYS
fOSC
2
CDV
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com