Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 39Page - ATMEL Corporation AT89LP6440 Datasheet HTML 40Page - ATMEL Corporation AT89LP6440 Datasheet HTML 41Page - ATMEL Corporation AT89LP6440 Datasheet HTML 42Page - ATMEL Corporation AT89LP6440 Datasheet HTML 43Page - ATMEL Corporation AT89LP6440 Datasheet HTML 44Page - ATMEL Corporation AT89LP6440 Datasheet HTML 45Page - ATMEL Corporation AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation AT89LP6440 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 194 page
background image
43
3706A–MICRO–9/09
AT89LP6440 - Preliminary
PSP
Serial Peripheral Interface Interrupt Priority Low
PCC
Compare/Capture Array Interrupt Priority Low
PGP
General-purpose Interrupt 0 Priority Low
Symbol
Function
Table 9-6.
IPH – Interrupt Priority High Register
IPH = B7H
Reset Value = 0000 0000B
Not Bit Addressable
IP1D
PCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Bit
7
6
543
21
0
Symbol
Function
IP1D
Interrupt Priority 1 Disable. Set IP1D to 1 to disable all interrupts with priority level one. Clear to 0 to enable all interrupts
with priority level one when EA = 1.
PCH
Comparator Interrupt Priority High
PT2H
Timer 2 Interrupt Priority High
PSH
Serial Port Interrupt Priority High
PT1H
Timer 1 Interrupt Priority High
PX1H
External Interrupt 1 Priority High
PT0H
Timer 0 Interrupt Priority High
PX0H
External Interrupt 0 Priority High
Table 9-7.
IP2H – Interrupt Priority 2 High Register
IPH = B6H
Reset Value = 0xxx x000B
Not Bit Addressable
IP3D
–
–
PTWH
PADH
PSPH
PCCH
PGPH
Bit
7
6
543
21
0
Symbol
Function
IP3D
Interrupt Priority 3 Disable. Set IP3D to 1 to disable all interrupts with priority level three. Clear to 0 to enable all
interrupts with priority level three when EA = 1.
PTWH
Two-Wire Interface Interrupt Priority High
PADH
ADC Interrupt Priority High
PSPH
Serial Peripheral Interface Interrupt Priority High
PCCH
Compare/Capture Array Interrupt Priority High
PGPH
General-purpose Interrupt 0 Priority High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com