Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP6440 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation AT89LP6440 Datasheet HTML 37Page - ATMEL Corporation AT89LP6440 Datasheet HTML 38Page - ATMEL Corporation AT89LP6440 Datasheet HTML 39Page - ATMEL Corporation AT89LP6440 Datasheet HTML 40Page - ATMEL Corporation AT89LP6440 Datasheet HTML 41Page - ATMEL Corporation AT89LP6440 Datasheet HTML 42Page - ATMEL Corporation AT89LP6440 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 194 page
background image
39
3706A–MICRO–9/09
AT89LP6440 - Preliminary
The IPxD bits located at the seventh bit of IP, IPH, IP2 and IP2H can be used to disable all inter-
rupts of a given priority level, allowing software implementations of more complex interrupt
priority handling schemes such as level-based round-robin scheduling.
The External Interrupts INT0 and INT1 can each be either level-activated or edge-activated,
depending on bits IT0 and IT1 in Register TCON. The flags that actually generate these inter-
rupts are the IE0 and IE1 bits in TCON. When the service routine is vectored to, hardware clears
the flag that generated an external interrupt only if the interrupt was edge-activated. If the inter-
rupt was level activated, then the external requesting source (rather than the on-chip hardware)
controls the request flag.
The Timer 0 and Timer 1 Interrupts are generated by TF0 and TF1, which are set by a rollover in
their respective Timer/Counter registers (except for Timer 0 in Mode 3). When a timer interrupt is
generated, the on-chip hardware clears the flag that generated it when the service routine is
vectored to. The Timer 2 Interrupt is generated by a logic OR of bits TF2 and EXF2 in register
T2CON. Neither of these flags is cleared by hardware when the CPU vectors to the service rou-
tine. The service routine normally must determine whether TF2 or EXF2 generated the interrupt
and that bit must be cleared by software.
The Serial Port Interrupt is generated by the logic OR of RI and TI in SCON. Neither of these
flags is cleared by hardware when the CPU vectors to the service routine. The service routine
normally must determine whether RI or TI generated the interrupt and that bit must be cleared by
software.
The Serial Peripheral Interface Interrupt is generated by the logic OR of SPIF, MODF and TXE
in SPSR. None of these flags is cleared by hardware when the CPU vectors to the service rou-
tine. The service routine normally must determine which bit generated the interrupt and that bit
must be cleared by software.
A logic OR of all eight flags in the GPIF register causes the General-purpose Interrupt. None of
these flags is cleared by hardware when the service routine is vectored to. The service routine
must determine which bit generated the interrupt and that bit must be cleared in software. If the
interrupt was level activated, then the external requesting source must de-assert the interrupt
before the flag may be cleared by software.
The CFA and CFB bits in ACSRA and ACSRB respectively generate the Comparator Interrupt.
The service routine must normally determine whether CFA or CFB generated the interrupt, and
the bit must be cleared by software. The DAC/ADC Conversion Interrupt is generated by ADIF in
DADC. On-chip hardware clears the ADIF flag when vectoring to the service routine.
A logic OR of the four least significant bits in the T2CCF register causes the Compare/Capture
Array Interrupt. None of these flags is cleared by hardware when the service routine is vectored
to. The service routine must determine which bit generated the interrupt and that bit must be
cleared in software.
The Two-Wire Interface Interrupt is generated by TWIF in TWCR. The flag is not cleared by
hardware when the CPU vectors to the service routine. The service routine normally must deter-
mine the status in TWSR and respond accordingly before the bit is cleared by software.
All of the bits that generate interrupts can be set or cleared by software, with the same result as
though they had been set or cleared by hardware. That is, interrupts can be generated and
pending interrupts can be canceled in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com