Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 34Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 35Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 36Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 37Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 38Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 39Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 40Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 41Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 38 of 68
19.2 GPIO Port Configuration
All the GPIO configuration registers have common configuration
controls. The following are the bit definitions of the GPIO
configuration registers. By default all GPIOs are configured as
inputs. To prevent the inputs from floating, the pull up resistors
are enabled. Firmware needs to configure each of the GPIOs
before use.
19.2.1 Int Enable
When set, the Int Enable bit allows the GPIO to generate
interrupts. Interrupt generate can occur regardless of whether
the pin is configured for input or output. All interrupts are edge
sensitive, however for any interrupt that is shared by multiple
sources (that is, Ports 2, 3, and 4) all inputs must be deasserted
before a new interrupt can occur.
When clear, the corresponding interrupt is disabled on the pin.
It is possible to configure GPIOs as outputs, enable the interrupt
on the pin and then to generate the interrupt by driving the
appropriate pin state. This is useful in test and may have value
in applications.
19.2.2 Int Act Low
When clear, the corresponding interrupt is active HIGH. When
set, the interrupt is active LOW. For P0.3–P0.4 Int act Low clear
causes interrupts to be active on the rising edge. Int act Low set
causes interrupts to be active on the falling edge.
19.2.3 TTL Thresh
When set, the input has TTL threshold. When clear, the input has
standard CMOS threshold.
Important Note The GPIOs default to CMOS threshold. User’s
firmware needs to configure the threshold to TTL mode if
necessary.
19.2.4 High Sink
When set, the output can sink up to 50 mA.
When clear, the output can sink up to 8 mA.
On the CY7C601xx, only the P3.7, P2.7, P0.1, and P0.0 have
50 mA sink drive capability. Other pins have 8 mA sink drive
capability.
On the CY7C602xx, only the P1.7–P1.3 have 50 mA sink drive
capability. Other pins have 8 mA sink drive capability.
19.2.5 Open Drain
When set, the output on the pin is determined by the Port Data
Register. If the corresponding bit in the Port Data Register is set,
the pin is in high impedance state. If the corresponding bit in the
Port Data Register is clear, the pin is driven LOW.
When clear, the output is driven LOW or HIGH.
19.2.6 Pull up Enable
When set the pin has a 7K pull up to VDD.
When clear, the pull up is disabled.
19.2.7 Output Enable
When set, the output driver of the pin is enabled.
When clear, the output driver of the pin is disabled.
For pins with shared functions there are some special cases.
P0.0 (CLKIN) and P0.1 (CLKOUT) can not be output enabled
when the crystal oscillator is enabled. Output enables for these
pins are overridden by XOSC Enable.
P1.3 (SSEL), P1.4 (SCLK), P1.5 (SMOSI) and P1.6 (SMISO)
can be used for their dedicated functions or for GPIO. To enable
the pin for GPIO use, clear the corresponding SPI Use bit or the
Output Enable has no effect.
19.2.8 SPI Use
The P1.3 (SSEL), P1.4 (SCLK), P1.5 (SMOSI) and P1.6
(SMISO) pins can be used for their dedicated functions or for
GPIO. To enable the pin for GPIO, clear the corresponding SPI
Use bit. The SPI function controls the output enable for its
dedicated function pins when their GPIO enable bit is clear.
Table 19-4. P0.1 Configuration (P01CR) [0x06] R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
TTL Thresh
High Sink
Open Drain
Pull up
Enable
Output
Enable
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
This register is used to configure P0.1. In the CYRF69103, only 8 mA sink drive capability is available on this pin regardless of
the setting of the High Sink bit.
If this pin is used as a general purpose output it draws current. This pin must be configured as an input to reduce current draw.
Bit 7
Reserved
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
see Section 19.2.3
Bit 3
see Section 19.2.4
Bit 2
see Section 19.2.5
Bit 1
see Section 19.2.6
Bit 0
see Section 19.2.7
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com