Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 62Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 63Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 64Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 65Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 66Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 67Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 68Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 66 of 68
28. Package Handling
Some IC packages require baking before they are soldered onto a PCB to remove moisture that may have been absorbed after leaving
the factory. A label on the packaging has details about actual bake temperature and the minimum bake time to remove this
moisture.The maximum bake time is the aggregate time that the parts are exposed to the bake temperature. Exceeding this exposure
time may degrade device reliability.
29. Package Diagram
Figure 29-1. 40-Pin Pb-Free QFN 6x6 mm
27. Ordering Information
Package
Ordering Part Number
40-Pin Pb-Free QFN 6x6 mm
CYRF69103-40LFXC
Table 28-1. Package Handling
Parameter
Description
Min
Typ
Max
Unit
TBAKETEMP
Bake Temperature
125
see package label
°C
TBAKETIME
Bake Time
see package label
72
hours
001-12917 *B
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com