Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 23Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 24Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 21 of 68
Two important variables that are used for all functions are KEY1
and KEY2. These variables are used to help discriminate
between valid SSCs and inadvertent SSCs. KEY1 must always
have a value of 3Ah, while KEY2 must have the same value as
the stack pointer when the SROM function begins execution.
This is the Stack Pointer value when the SSC opcode is
executed, plus three. If either of the keys do not match the
expected values, the M8C halts (with the exception of the
SWBootReset function). The following code puts the correct
value in KEY1 and KEY2. The code starts with a halt, to force the
program to jump directly into the setup code and not run into it.
halt
SSCOP: mov [KEY1], 3ah
mov X, SP
mov A, X
add A, 3
mov [KEY2], A
The SROM also features Return Codes and Lockouts.
14.4.1 Return Codes
Return codes aid in the determination of success or failure of a
particular function. The return code is stored in KEY1’s position
in the parameter block. The CheckSum and TableRead functions
do not have return codes because KEY1’s position in the
parameter block is used to return other data.
Read, write, and erase operations may fail if the target block is
read or write protected. Block protection levels are set during
device programming.
The EraseAll function overwrites data in addition to leaving the
entire user Flash in the erase state. The EraseAll function loops
through the number of Flash macros in the product, executing
the following sequence: erase, bulk program all zeros, erase.
After all the user space in all the Flash macros are erased, a
second loop erases and then programs each protection block
with zeros.
14.5 SROM Function Descriptions
All SROM functions are described in the following sections.
14.5.1 SWBootReset Function
The SROM function, SWBootReset, is the function that is
responsible for transitioning the device from a reset state to
running user code. The SWBootReset function is executed
whenever the SROM is entered with an M8C accumulator value
of 00h; the SRAM parameter block is not used as an input to the
function. This happens, by design, after a hardware reset,
because the M8C's accumulator is reset to 00h or when user
code executes the SSC instruction with an accumulator value of
00h. The SWBootReset function does not execute when the
SSC instruction is executed with a bad key value and a nonzero
function code. A CYRF69103 device executes the HALT
instruction if a bad value is given for either KEY1 or KEY2.
The SWBootReset function verifies the integrity of the calibration
data by way of a 16-bit checksum, before releasing the M8C to
run user code.
14.5.2 ReadBlock Function
The ReadBlock function is used to read 64 contiguous bytes
from Flash—a block.
The first thing this function does is to check the protection bits
and determine if the desired BLOCKID is readable. If read
protection is turned on, the ReadBlock function exits setting the
accumulator and KEY2 back to 00h. KEY1 has a value of 01h,
indicating a read failure. If read protection is not enabled, the
function reads 64 bytes from the Flash using a ROMX instruction
and store the results in SRAM using an MVI instruction. The first
of the 64 bytes are stored in SRAM at the address indicated by
the value of the POINTER parameter. When the ReadBlock
completes successfully, the accumulator, KEY1 and KEY2, all
have a value of 00h.
14.5.3 WriteBlock Function
The WriteBlock function is used to store data in the Flash. Data
is moved 64 bytes at a time from SRAM to Flash using this
function. The first thing the WriteBlock function does is to check
the protection bits and determine if the desired BLOCKID is
writable. If write protection is turned on, the WriteBlock function
exits, setting the accumulator and KEY2 back to 00h. KEY1 has
a value of 01h, indicating a write failure. The configuration of the
WriteBlock function is straightforward. The BLOCKID of the
Flash block, where the data is stored, must be determined and
stored at SRAM address FAh.
Table 14-2. SROM Function Parameters
Variable Name
SRAM Address
Key1/Counter/Return Code
0,F8h
Key2/TMP
0,F9h
BlockID
0,FAh
Pointer
0,FBh
Clock
0,FCh
Mode
0,FDh
Delay
0,FEh
PCL
0,FFh
Table 14-3. SROM Return Codes
Return Code
Description
00h
Success
01h
Function not allowed due to level of protection
on block
02h
Software reset without hardware reset
03h
Fatal error, SROM halted
Table 14-4. ReadBlock Parameters
Name
Address
Description
KEY1
0,F8h
3Ah
KEY2
0,F9h
Stack Pointer value, when SSC is
executed
BLOCKID
0,FAh
Flash block number
POINTER
0,FBh
First of 64 addresses in SRAM
where returned data must be stored
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com