Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 46Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 47Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 48Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 49Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 50Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 51Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 50 of 68
Figure 20-3. Memory Mapped Registers Read/Write Timing Diagram
21. Interrupt Controller
The interrupt controller and its associated registers allow the
user’s code to respond to an interrupt from almost every
functional block in the CYRF69103 devices. The registers
associated with the interrupt controller allow interrupts to be
disabled either globally or individually. The registers also provide
a mechanism by which a user may clear all pending and posted
interrupts, or clear individual posted or pending interrupts.
The following table lists all interrupts and the priorities that are
available in the CYRF69103.
21.1 Architectural Description
An interrupt is posted when its interrupt conditions occur. This
results in the flip-flop in Figure 21-1. on page 51 clocking in a ‘1’.
The interrupt remains posted until the interrupt is taken or until it
is cleared by writing to the appropriate INT_CLRx register.
A posted interrupt is not pending unless it is enabled by setting
its interrupt mask bit (in the appropriate INT_MSKx register). All
pending interrupts are processed by the Priority Encoder to
determine the highest priority interrupt which is taken by the M8C
if the Global Interrupt Enable bit is set in the CPU_F register.
Disabling an interrupt by clearing its interrupt mask bit (in the
INT_MSKx register) does not clear a posted interrupt, nor does
it prevent an interrupt from being posted. It simply prevents a
posted interrupt from becoming pending.
Nested interrupts can be accomplished by reenabling interrupts
inside an interrupt service routine. To do this, set the IE bit in the
Flag Register.
A block diagram of the CYRF69103 Interrupt Controller is shown
in Figure 21-1. on page 51.
Memory mapped registers Read/Write timing diagram
clk_sys
rd_wrn
Valid
Addr
rdata
wdata
Table 21-1. Interrupt Priorities, Address, Name
Interrupt
Priority
Interrupt
Address
Name
0
0000h
Reset
1
0004h
POR/LVD
2
0008h
Reserved
3
000Ch
SPI Transmitter Empty
4
0010h
SPI Receiver Full
5
0014h
GPIO Port 0
6
0018h
GPIO Port 1
7
001Ch
INT1
8
0020h
Reserved
9
0024h
Reserved
10
0028h
Reserved
11
002Ch
Reserved
12
0030h
Reserved
13
0034h
1 ms Interval timer
14
0038h
Programmable Interval Timer
15
003Ch
Reserved
16
0040h
Reserved
17
0044h
16-bit Free Running Timer Wrap
18
0048h
INT2
19
004Ch
Reserved
20
0050h
GPIO Port 2
21
0054h
Reserved
22
0058h
Reserved
23
005Ch
Reserved
24
0060h
Reserved
25
0064h
Sleep Timer
Table 21-1. Interrupt Priorities, Address, Name (continued)
Interrupt
Priority
Interrupt
Address
Name
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com