Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 48Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 49Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 50Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 51Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 55Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 52 of 68
21.3.2 Interrupt Mask Registers
The Interrupt Mask Registers (INT_MSKx) are used to enable the individual interrupt sources’ ability to create pending interrupts.
There are four Interrupt Mask Registers (INT_MSK0, INT_MSK1, INT_MSK2, and INT_MSK3) that may be referred to in general as
INT_MSKx. If cleared, each bit in an INT_MSKx register prevents a posted interrupt from becoming a pending interrupt (input to the
priority encoder). However, an interrupt can still post even if its mask bit is zero. All INT_MSKx bits are independent of all other
INT_MSKx bits.
If an INT_MSKx bit is set, the interrupt source associated with that mask bit may generate an interrupt that becomes a pending
interrupt.
The Enable Software Interrupt (ENSWINT) bit in INT_MSK3[7] determines the way an individual bit value written to an INT_CLRx
register is interpreted. When is cleared, writing 1's to an INT_CLRx register has no effect. However, writing 0's to an INT_CLRx register,
when ENSWINT is cleared causes the corresponding interrupt to clear. If the ENSWINT bit is set, any 0's written to the INT_CLRx
registers are ignored. However, 1's written to an INT_CLRx register, while ENSWINT is set, cause an interrupt to post for the
corresponding interrupt.
Software interrupts can aid in debugging interrupt service routines by eliminating the need to create system level interactions that are
sometimes necessary to create a hardware-only interrupt.
Table 21-2. Interrupt Clear 0 (INT_CLR0) [0xDA] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
GPIO Port 1 Sleep Timer
INT1
GPIO Port 0 SPI Receive SPI Transmit
Reserved
POR/LVD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
When reading this register:
0 = There is no posted interrupt for the corresponding hardware.
1 = Posted interrupt for the corresponding hardware present.
Writing a ‘0’ to the bits clears the posted interrupts for the corresponding hardware. Writing a ‘1’ to the bits and to the ENSWINT
(Bit 7 of the INT_MSK3 Register) posts the corresponding hardware interrupt.
The GPIO interrupts are edge-triggered.
Table 21-3. Interrupt Clear 1 (INT_CLR1) [0xDB] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval
Timer
1 ms
Program-
mable
Interrupt
Reserved
Read/Write
-
R/W
R/W
–
––
–
–
Default
0
0
0
0
00
0
0
When reading this register:
0 = There is no posted interrupt for the corresponding hardware.
1 = Posted interrupt for the corresponding hardware present.
Writing a ‘0’ to the bits clears the posted interrupts for the corresponding hardware. Writing a ‘1’ to the bits AND to the ENSWINT.
Bit 7
Reserved
Table 21-4. Interrupt Clear 2 (INT_CLR2) [0xDC] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Reserved
Reserved
GPIO Port2
Reserved
INT2
16-bit
Counter
Wrap
Reserved
Read/Write
–
-
-
R/W
–R/W
R/W
-
Default
0
0
0
0
00
0
0
When reading this register:
0 = There is no posted interrupt for the corresponding hardware
1 = Posted interrupt for the corresponding hardware present.
Writing a ‘0’ to the bits clears the posted interrupts for the corresponding hardware. Writing a ‘1’ to the bits AND to the ENSWINT
(Bit 7 of the INT_MSK3 Register) posts the corresponding hardware interrupt.
Bits 7,6,5,3,0]Reserved
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com