Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 14Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 14 of 68
11.3 Index Register
11.4 Stack Pointer Register
11.5 CPU Program Counter High Register
11.6 CPU Program Counter Low Register
Table 11-3. CPU X Register (CPU_X)
Bit #
7
6
5
4
3
2
1
0
Field
X [7:0]
Read/Write
––––––––
Default
00000000
Bits 7:0
X [7:0]
8-bit data value holds an index for any instruction that uses an indexed addressing mode.
Table 11-4. CPU Stack Pointer Register (CPU_SP)
Bit #
7
6
5
4
3
2
1
0
Field
Stack Pointer [7:0]
Read/Write
––––––––
Default
00000000
Bits 7:0
Stack Pointer [7:0]
8-bit data value holds a pointer to the current top-of-stack.
Table 11-5. CPU Program Counter High Register (CPU_PCH)
Bit #
7
6
5
4
3
2
1
0
Field
Program Counter [15:8]
Read/Write
––––––––
Default
00000000
Bits 7:0
Program Counter [15:8]
8-bit data value holds the higher byte of the program counter.
Table 11-6. CPU Program Counter Low Register (CPU_PCL)
Bit #
7
6
5
4
3
2
1
0
Field
Program Counter [7:0]
Read/Write
––––––––
Default
00000000
Bit 7:0
Program Counter [7:0]
8-bit data value holds the lower byte of the program counter.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com