Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 23Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 20 of 68
14.2 Data Memory Organization
The MCU function provides up to 256 bytes of data RAM.
Figure 14-2. Data Memory Organization
14.3 Flash
This section describes the Flash block of the CYRF69103. Much
of the user visible Flash functionality, including programming and
security, are implemented in the M8C Supervisory Read Only
Memory (SROM). CYRF69103 Flash has an endurance of 1000
cycles and 10-year data retention.
14.3.1 Flash Programming and Security
All Flash programming is performed by code in the SROM. The
registers that control the Flash programming are only visible to
the M8C CPU when it is executing out of SROM. This makes it
impossible to read, write, or erase the Flash by bypassing the
security mechanisms implemented in the SROM.
Customer firmware can only program the Flash through SROM
calls. The data or code images can be sourced by way of any
interface with the appropriate support firmware. This type of
programming requires a ‘bootloader’—a piece of firmware
resident on the Flash. For safety reasons, this bootloader must
not be over written during firmware rewrites.
The Flash provides four auxiliary rows that are used to hold Flash
block protection flags, boot time calibration values, configuration
tables, and any device values. The routines for accessing these
auxiliary rows are documented in the SROM section. The
auxiliary rows are not affected by the device erase function.
14.3.2 In-System Programming
CYRF69103 enables this type of in-system programming by
using the P1.0 and P1.1 pins as the serial programming mode
interface. This allows an external controller to cause the
CYRF69103 to enter serial programming mode and then to use
the test queue to issue Flash access functions in the SROM.
14.4 SROM
The SROM holds code that is used to boot the part, calibrate
circuitry, and perform Flash operations (Table 14-1 lists the
SROM functions). The functions of the SROM may be accessed
in normal user code or operating from Flash. The SROM exists
in a separate memory space from user code. The SROM
functions are accessed by executing the Supervisory System
Call instruction (SSC), which has an opcode of 00h. Before
executing the SSC, the M8C’s accumulator needs to be loaded
with the desired SROM function code from Table 14-1.
Undefined functions causes a HALT if called from user code. The
SROM functions are executing code with calls; therefore, the
functions require stack space. With the exception of Reset, all of
the SROM functions have a parameter block in SRAM that must
be configured before executing the SSC. Table 14-2 on page 21
lists all possible parameter block variables. The meaning of each
parameter, with regards to a specific SROM function, is
described later in this section.
after reset
Address
8-bit PSP
0x00
Stack begins here and grows upward
Top of RAM Memory
0xFF
Table 14-1. SROM Function Codes
Function Code
Function Name
Stack Space
00h
SWBootReset
0
01h
ReadBlock
7
02h
WriteBlock
10
03h
EraseBlock
9
05h
EraseAll
11
06h
TableRead
3
07h
CheckSum
3
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com