Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 28Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 29Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 30Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 31Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 32Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 33Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 34Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 35Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 32 of 68
16.1 Power On Reset
POR occurs every time the power to the device is switched on.
POR is released when the supply is typically 2.6V for the upward
supply transition, with typically 50 mV of hysteresis during the
power on transient. Bit 4 of the System Status and Control
Register (CPU_SCR) is set to record this event (the register
contents are set to 00010000 by the POR). After a POR, the
microprocessor is held off for approximately 20 ms for the VCC
supply to stabilize before executing the first instruction at
address 0x00 in the Flash. If the VCC voltage drops below the
POR downward supply trip point, POR is reasserted. The VCC
supply needs to ramp linearly from 0 to VCC in 0 to 200 ms.
Important The PORS status bit is set at POR and can only be
cleared by the user, and cannot be set by firmware.
16.2 Watchdog Timer Reset
The user has the option to enable the WDT. The WDT is enabled
by clearing the PORS bit. When the PORS bit is cleared, the
WDT cannot be disabled. The only exception to this is if a POR
event takes place, which disables the WDT.
The sleep timer is used to generate the sleep time period and the
Watchdog time period. The sleep timer uses the Internal 32 kHz
Low power Oscillator system clock to produce the sleep time
period. The user can program the sleep time period using the
Sleep Timer bits of the OSC_CR0 Register (Table 15-3). When
the sleep time elapses (sleep timer overflows), an interrupt to the
Sleep Timer Interrupt Vector is generated.
The Watchdog Timer period is automatically set to be three
counts of the Sleep Timer overflows. This represents between
two and three sleep intervals depending on the count in the
Sleep Timer at the previous WDT clear. When this timer reaches
three, a WDR is generated.
The user can either clear the WDT, or the WDT and the Sleep
Timer. Whenever the user writes to the Reset WDT Register
(RES_WDT), the WDT is cleared. If the data that is written is the
hex value 0x38, the Sleep Timer is also cleared at the same time.
17. Sleep Mode
The CPU can only be put to sleep by the firmware. This is accom-
plished by setting the Sleep bit in the System Status and Control
Register (CPU_SCR). This stops the CPU from executing
instructions, and the CPU remains asleep until an interrupt
comes pending, or there is a reset event (either a Power on
Reset, or a Watchdog Timer Reset).
The Low voltage Detection circuit (LVD) drops into fully functional
power reduced states, and the latency for the LVD is increased.
The actual latency can be traded against power consumption by
changing the Sleep Duty Cycle field of the ECO_TR Register.
The Internal 32 kHz low speed oscillator remains running. Before
entering suspend mode, firmware can optionally configure the 32
kHz Low speed Oscillator to operate in a low power mode to help
reduce the overall power consumption (using the 32 kHz Low
Power bit, Table 15-6). This helps save approximately 5
μA;
however, the trade off is that the 32 kHz Low speed Oscillator be
less accurate (–53.12% to +56.25% deviation).
All interrupts remain active. Only the occurrence of an interrupt
wakes the part from sleep. The Stop bit in the System Status and
Control Register (CPU_SCR) must be cleared for a part to
resume out of sleep. The Global Interrupt Enable bit of the CPU
Flags Register (CPU_F) does not have any effect. Any
unmasked interrupt wakes the system up. As a result, any inter-
rupts not intended for waking must be disabled through the
Interrupt Mask Registers.
When the CPU enters sleep mode, the internal oscillator is
stopped. When the CPU comes out of sleep mode, it is running
on the internal oscillator. The internal oscillator recovery time is
three clock cycles of the Internal 32 kHz Low power Oscillator.
On exiting sleep mode, when the clock is stable and the delay
time has expired, the instruction immediately following the sleep
instruction is executed before the interrupt service routine (if
enabled).
The Sleep interrupt allows the microcontroller to wake up period-
ically and poll system components while maintaining very low
average power consumption. The Sleep interrupt may also be
used to provide periodic interrupts during non sleep modes.
17.1 Sleep Sequence
The Sleep bit is an input into the sleep logic circuit. This circuit is
designed to sequence the device into and out of the hardware
sleep state. The hardware sequence to put the device to sleep
is shown in Figure 17-1. on page 33 and is defined as follows.
1. Firmware sets the SLEEP bit in the CPU_SCR0 register. The
Bus Request (BRQ) signal to the CPU is immediately assert-
ed. This is a request by the system to halt CPU operation at
an instruction boundary. The CPU samples BRQ on the pos-
itive edge of CPUCLK.
2. Due to the specific timing of the register write, the CPU issues
a Bus Request Acknowledge (BRA) on the following positive
edge of the CPU clock. The sleep logic waits for the following
negative edge of the CPU clock and then asserts a
system-wide Power Down (PD) signal. In Figure 17-1. on
page 33 the CPU is halted and the system-wide power down
signal is asserted.
Table 16-2. Reset Watchdog Timer (RESWDT) [0xE3] [W]
Bit #
7
6
5
4
3
2
1
0
Field
Reset Watchdog Timer [7:0]
Read/Write
W
W
W
W
WW
W
W
Default
0
0
0
0
00
0
0
Any write to this register clears the Watchdog Timer, a write of 0x38 also clears the Sleep Timer.
Bits 7:0
Reset Watchdog Timer [7:0]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com