Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYWUSB6953_10 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 4 of 68
6.4 Backward Compatibility
The CYRF69103 IC is fully interoperable with the main modes of
the first generation Cypress radios namely the CYWUSB6934
-LS and CYWWUSB6935-LR devices. The 62.5 kbps mode is
supported by selecting 32 chip DDR mode. Similarly, the
15.675 kbps mode is supported by selecting 64 chip SDR mode
In this method, a suitably configured CYRF69103 IC device may
transmit data to or receive data from a first generation device, or
both. Backwards compatibility requires disabling the SOP,
length, and CRC16 fields.
This section provides the different configurations of the registers
and firmware that enable a new generation radio to communicate
with a first generation radio. There are two possible modes: SDR
and DDR mode (8-DR and GFSK modes are not present in the
first generation radio). The second generation radio must be
initialized using the RadioInitAPI of the LP radio driver and then
the following registers’ bits need to be configured to the given
Byte values. Essentially, the following deactivates the added
features of the second generation radio and takes it down to the
level of the first generation radio. The data format, data rates,
and the PN codes used are recognizable by the first generation
radio.
6.5 DDR Mode
Table 6-1. DDR Mode
Register
Value
Description
TX_CFG_ADR
0X16
32 chip PN Code, DDR, PA = 6
RX_CFG_ADR
0X4B
AGC is enabled. LNA and attenuator are disabled. Fast turnaround is disabled, the
device uses high side receive injection and Hi-Lo is disabled. Overwrite to receive
buffer is enabled and the RX buffer is configured to receive eight bytes maximum.
XACT_CFG_ADR
0X05
AutoACK is disabled. Forcing end state is disabled. The device is configured to
transition to Idle mode after a Receive or Transmit. ACK timeout is set to 128 µs.
FRAMING_CFG_ADR
0X00
All SOP and framing features are disabled. Disable LEN_EN=0 if EOP is needed.
TX_OVERRIDE_ADR
0X04
Disable Transmit CRC-16.
RX_OVERRIDE_ADR
0X14
The receiver rejects packets with a zero seed. The Rx CRC-16 Checker is disabled
and the receiver accepts bad packets that do not match the seed in CRC_seed
registers. This helps in communication with the first generation radio that does not
have CRC capabilities.
ANALOG_CTRL_ADR
0X01
Set ALL SLOW. When set, the synthesizer settle time for all channels is the same
as the slow channels in the first generation radio.
DATA32_THOLD_ADR
0X03
Sets the number of allowed corrupted bits to 3.
EOP_CTRL_ADR
0x01
Sets the number of consecutive symbols for non-correlation to detect end of packet.
PREAMBLE_ADR
0xAAAA05
AAAA are the two preamble bytes. Any other byte can also be written into the
preamble register file. Recommended counts of the preamble bytes to be sent must
be >4.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com