Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 41Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 42Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 43Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 44Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 45Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 46Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 47Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 48Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 45 of 68
19.5 SPI Data Register
When an interrupt occurs to indicate to firmware that an byte of receive data is available, or the transmitter holding register is empty,
firmware has 7 SPI clocks to manage the buffers—to empty the receiver buffer, or to refill the transmit holding register. Failure to meet
this timing requirement results in incorrect data transfer.
19.6 SPI Configure Register
Table 19-14. SPI Data Register (SPIDATA) [0x3C] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
SPIData[7:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
When read, this register returns the contents of the receive buffer. When written, it loads the transmit holding register.
Bits 7:0
SPI Data [7:0]
Table 19-15. SPI Configure Register (SPICR) [0x3D] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Swap
LSB First
Comm Mode
CPOL
CPHA
SCLK Select
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
Bit 7
Swap
0 = Swap function disabled.
1 = The SPI block swaps its use of SMOSI and SMISO. Among other things, this can be useful in implementing
single wire SPI-like communications.
Bit 6
LSB First
0 = The SPI transmits and receives the MSB (Most Significant Bit) first.
1 = The SPI transmits and receives the LSB (Least Significant Bit) first.
Bits 5:4
Comm Mode [1:0]
0 0: All SPI communication disabled.
0 1: SPI master mode
1 0: SPI slave mode
1 1: Reserved
Bit 3
CPOL
This bit controls the SPI clock (SCLK) idle polarity.
0 = SCLK idles low
1 = SCLK idles high
Bit 2
CPHA
The Clock Phase bit controls the phase of the clock on which data is sampled. Table 19-16 on page 46 shows the
timing for the various combinations of LSB First, CPOL, and CPHA.
Bits 1:0
SCLK Select
This field selects the speed of the master SCLK. When in master mode, SCLK is generated by dividing the base
CPUCLK.
Important Note for Comm Modes 01b or 10b (SPI Master or SPI Slave):
When configured for SPI, (SPI Use = 1—Table 19-11 on page 42), the input/output direction of pins P1.3, P1.5, and P1.6 is set
automatically by the SPI logic. However, pin P1.4's input/output direction is NOT automatically set; it must be explicitly set by
firmware. For SPI Master mode, pin P1.4 must be configured as an output; for SPI Slave mode, pin P1.4 must be configured as
an input.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com