Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 55Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 57Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 58Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 59Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 56 of 68
DE
INT_MSK3
ENSWINT
Reserved
r-------
00000000
DF
INT_MSK2
Reserved
Reserved
Reserved
GPIO Port 2
Int Enable
Reserved
INT2
Int Enable
16-bit
Counter
Wrap Int
Enable
Reserved
---b-bb-
00000000
E0
INT_MSK0 GPIO Port 1
Int Enable
Sleep Timer
Int Enable
INT1
Int Enable
GPIO Port 0
Int Enable
SPI Receive
Int Enable
SPI Transmit
Int Enable
Reserved
POR/LVD
Int Enable
bbbbbb-b
00000000
E1
INT_MSK1
Reserved
Prog Interval
Timer
Int Enable
1 ms Timer
Int Enable
Reserved
-bb-----
00000000
E2
INT_VC
Pending Interrupt [7:0]
bbbbbbbb
00000000
E3
RESWDT
Reset Watchdog Timer [7:0]
wwwwwww
w
00000000
--
CPU_A
Temporary Register T1 [7:0]
--------
00000000
--
CPU_X
X[7:0]
--------
00000000
--
CPU_PCL
Program Counter [7:0]
--------
00000000
--
CPU_PCH
Program Counter [15:8]
--------
00000000
--
CPU_SP
Stack Pointer [7:0]
--------
00000000
F7
CPU_F
Reserved
XIO
Super
Carry
Zero
Global IE
---brbbb
00000010
FF
CPU_SCR
GIES
Reserved
WDRS
PORS
Sleep
Reserved
Reserved
Stop
r-ccb--b
00010100
1E0
OSC_CR0
Reserved
No Buzz
Sleep Timer [1:0]
CPU Speed [2:0]
--bbbbbb
00001000
1E3
LVDCR
Reserved
PORLEV[1:0]
Reserved
VM[2:0]
--bb-bbb
00000000
1E4
VLTCMP
Reserved
LVD
PPOR
------rr
00000000
1EB
ECO_TR
Sleep Duty Cycle [1:0]
Reserved
bb------
00000000
21.4
Microcontroller Function Register Summary (continued)
Addr
Name
7
6
5
4
3
2
1
0
R/W
Default
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com