Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 62Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 63Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 64Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 65Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 66Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 67Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 68Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 67 of 68
30. Document History Page
Document Title: CYRF69103 Programmable Radio on Chip Low Power
Document #: 001-07611
REV. ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
479801
OYR
See ECN
New advance data sheet.
*A
501282
OYR
See ECN
Preliminary data sheet. Created Preliminary data sheet from Advance Information.
*B
631696
BOO
See ECN
Final data sheet. Updated DC Characteristics table with characterization data.
Minor text changes
GPIO capacitance and timing diagram included
Sleep and Wakeup sequence documented
PIT Timer registers’ R/W capability corrected to read only
Updated radio function register descriptions
Changed L/D pin description
Changed RST Capacitor from 0.1 uF to 0.47 uF
Added example PMU configuration circuits
*C
2447906
AESA
See ECN
Updated to new template
*D
2615458 KKU/AESA
01/13/2009 Replaced 51-85190 with 001-12917. Fixed format and language inconsistencies.
*E
2761532
DVJA
09/09/2009 Changed default value of the Sleep Timer from 00(512 Hz) to 01(64 Hz) in the
OSC_CR0 [0x1E0] register.
*F
2885149
KKU
02/26/2010 Updated the following sections:
Microcontroller Function, Clock Architecture Description, CPU Clock During Sleep
Mode, Sleep Mode, Low Power in Sleep Mode, General Purpose I/O Ports, Microcon-
troller Function Register Summary, and Package Diagram
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com