Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 19 of 68
14. Memory Organization
14.1 Flash Program Memory Organization
Figure 14-1. Program Memory Space with Interrupt Vector Table
after reset
Address
16-bit PC
0x0000
Program execution begins here after a reset
0x0004
POR/LVD
0x0008
Reserved
0x000C
SPI Transmitter Empty
0x0010
SPI Receiver Full
0x0014
GPIO Port 0
0x0018
GPIO Port 1
0x001C
INT1
0x0020
Reserved
0x0024
Reserved
0x0028
Reserved
0x002C
Reserved
0x0030
Reserved
0x0034
1 ms Interval Timer
0x0038
Programmable Interval Timer
0x003C
Reserved
0x0040
Reserved
0x0044
16-bit Free Running Timer Wrap
0x0048
INT2
0x004C
Reserved
0x0050
GPIO Port 2
0x0054
Reserved
0x0058
Reserved
0x005C
Reserved
0x0060
Reserved
0x0064
Sleep Timer
0x0068
Program Memory begins here (if below interrupts not used,
program memory can start lower)
0x1FFF
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com